Electronic Components Datasheet Search
  English  ▼

X  

1019941 Datasheet (PDF) - PHOENIX CONTACT

1019941 Datasheet PDF - PHOENIX CONTACT
Part # 1019941
Download  1019941 Download
File Size   321.31 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 72B 15A - Miniature Circuit Breaker

1019941 Datasheet (PDF)

Go To PDF Page Download Datasheet
1019941 Datasheet PDF - PHOENIX CONTACT

Part # 1019941
Download  1019941 Click to download

File Size   321.31 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 72B 15A - Miniature Circuit Breaker

1019941 Datasheet (HTML) - PHOENIX CONTACT


1019941 Product details

thermal-magnetic Miniature Circuit Breaker, 2-position, use: Supplementary Protection
(UL 1077), for protection against overload up to a short-circuit current of 7.5 kA, tripping
characteristic: B, mounting type: NS 35/..., rated current: 15 A




Similar Part No. - 1019941

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019942 PHOENIX-1019942 Datasheet
318Kb / 8P
TMC 72B 16A - Miniature Circuit Breaker
1019943 PHOENIX-1019943 Datasheet
321Kb / 8P
TMC 72B 20A - Miniature Circuit Breaker
1019944 PHOENIX-1019944 Datasheet
321Kb / 8P
TMC 72B 25A - Miniature Circuit Breaker
1019945 PHOENIX-1019945 Datasheet
321Kb / 8P
TMC 72B 30A - Miniature Circuit Breaker
1019946 PHOENIX-1019946 Datasheet
321Kb / 8P
TMC 72B 32A - Miniature Circuit Breaker
More results


Similar Description - 1019941

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM115 SCHNEIDER-HOM115 Datasheet
96Kb / 2P
MINIATURE CIRCUIT BREAKER 120V - 15A
Nov 21, 2019
HOM215C SCHNEIDER-HOM215C Datasheet
151Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 15A
Nov 22, 2019
HOM215CP SCHNEIDER-HOM215CP Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 15A
Nov 22, 2019
HOM115C SCHNEIDER-HOM115C Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
HOM115CP SCHNEIDER-HOM115CP Datasheet
119Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
HOM115CP1235 SCHNEIDER-HOM115CP1235 Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 15A
EDB36015AABASA SCHNEIDER-EDB36015AABASA Datasheet
55Kb / 1P
MINIATURE CIRCUIT BREAKER 600V 15A
Jun 17, 2020
EJB14015SA SCHNEIDER-EJB14015SA Datasheet
113Kb / 2P
MINIATURE CIRCUIT BREAKER 277V 15A
Jun 17, 2020
logo
PHOENIX CONTACT
1019932 PHOENIX-1019932 Datasheet
282Kb / 7P
Thermomagnetic device circuit breaker - TMC 72B 03A
01/13/2022
1019937 PHOENIX-1019937 Datasheet
282Kb / 7P
Thermomagnetic device circuit breaker - TMC 72B 08A
01/13/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com