Electronic Components Datasheet Search
  English  ▼

X  

RT8871B Datasheet (PDF) - Richtek Technology Corporation

RT8871B Datasheet PDF - Richtek Technology Corporation
Part # RT8871B
Download  RT8871B Download
File Size   434.91 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4/3/2-Phase PWM Controller for AMD AM2/AM2/AM3/FM1 CPUs

RT8871B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8871B Datasheet PDF - Richtek Technology Corporation

Part # RT8871B
Download  RT8871B Click to download

File Size   434.91 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4/3/2-Phase PWM Controller for AMD AM2/AM2/AM3/FM1 CPUs

RT8871B Datasheet (HTML) - Richtek Technology Corporation


RT8871B Product details

General Description
The RT8871A/B is a 4/3/2-phase synchronous buck
controller with two integrated MOSFET drivers for CPU
power application and a single-phase buck with integrated
MOSFET driver for North-Bridge (NB) chipset. The
RT8871A/B uses differential inductor DCR current sense
to achieve phase current balance and active voltage
positioning. Other features include adjustable operating
frequency, power good indication, external error-amp
compensation, over voltage protection, over current
protection and enable/shutdown for various applications.
The RT8871A/B comes in a small footprint with WQFN48L 7x7 and WQFN-48L 6x6 packages.

Features
z 12V Power Supply Voltage
z 4/3/2-Phase Power Conversion for VCORE Power
z 3 Embedded MOSFET Drivers (2 for CPU and 1 for
NB)
z Internal Regulated 5V Output
z Support AMD AM2 6-bit Parallel and AM2+ 7-bit
Serial VID with Dual OCP
z Support 3.4MHz High Speed I2
C
z Support Programmable Load Line for CORE and
NB Sections
z Continuous Differential Inductor DCR Current Sense
z Adjustable Frequency (Typically at 300kHz)
z Selectable 1 or 2 Phase in Power-Saving (PS) Mode
z Phase-Interleaving for VCORE Controller
z Power Good Indication
z Adjustable Over Current Protection
z Over Voltage Protection
z Small 48-Lead WQFN Package
z RoHS Compliant and Halogen Free

Applications
z Desktop CPU Core Power
z Low Voltage, High Current DC/DC Converter




Similar Part No. - RT8871B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8876A RICHTEK-RT8876A Datasheet
695Kb / 50P
Dual Channel PWM Controller with 3/2/1 Phase for CORE VR and Single Phase for AXG VR
RT8876A RICHTEK-RT8876A Datasheet
696Kb / 50P
Dual Channel PWM Controller
RT8876AGQW RICHTEK-RT8876AGQW Datasheet
696Kb / 50P
Dual Channel PWM Controller
RT8876A RICHTEK-RT8876A_14 Datasheet
696Kb / 50P
Dual Channel PWM Controller
RT8877C RICHTEK-RT8877C Datasheet
687Kb / 38P
Dual-Output PWM Controller for AMD SVI2 CPU Power Supply
More results


Similar Description - RT8871B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733 LINER-LTC3733 Datasheet
333Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
logo
STMicroelectronics
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
15-Feb-2008
logo
Feature Integration Tec...
F72569 FINTEK-F72569 Datasheet
688Kb / 24P
ACPI Controller IC for AMD K8/AM2 Platform
F75125 FINTEK-F75125 Datasheet
1Mb / 34P
Serial VID, Parallel VID Translator for AMD AM2 and AM2
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
logo
Linear Technology
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
logo
Renesas Technology Corp
ISL95816 RENESAS-ISL95816 Datasheet
193Kb / 2P
4-Phase PWM Controller for VR12.5 CPUs
logo
RAYEX ELECTRONICS CO., ...
AM2 RAYEX-AM2 Datasheet
431Kb / 2P
AM2 SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com