Electronic Components Datasheet Search
  English  ▼

X  

MAP3621 Datasheet (PDF) - MagnaChip Semiconductor.

MAP3621 Datasheet PDF - MagnaChip Semiconductor.
Part # MAP3621
Download  MAP3621 Download
File Size   1067.49 Kbytes
Page   11 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 1-CH Average Current Control Buck Controller for LED Backlight

MAP3621 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAP3621 Datasheet PDF - MagnaChip Semiconductor.

Part # MAP3621
Download  MAP3621 Click to download

File Size   1067.49 Kbytes
Page   11 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 1-CH Average Current Control Buck Controller for LED Backlight

MAP3621 Datasheet (HTML) - MagnaChip Semiconductor.


MAP3621 Product details

General Description
MAP3621 is a single channel average-mode current
control buck controller for LED backlight application. It
does not require an additional dimming MOSFET and
utilizes constant off-time control and average current
control feedback without external loop compensation or
high-side current sensing.
MAP3621 features ±1% CS voltage accuracy and has
dedicated Independent analog dimming input up to
3.3V. It can be powered from 8.5V ~ 18V supply.
MAP3621 provides MOSFET DS short (FLT output),
sense resistor short protection, SCP and UVLO.
MAP3621 is available 14 leads SOIC with Halogenfree (fully RoHS compliant).

Features
 8.5V to 18V Input Voltage Range
 Average-Mode Current Control
 Mixed Programmable Constant Off-time
 Up to 3.3V Analog Dimming
 1% CS Voltage Accuracy
 Direct PWM Dimming Input
 Fault Output
- MOSFET Drain-Source Short
 Short Circuit Protection
 Sense Resistor Short Protection
 UVLO
 14 Leads SOIC Package with Halogen-free
Applications
 High Brightness white LED backlighting for LCD TVs
 General LED lighting applications




Similar Part No. - MAP3621

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3612 MGCHIP-MAP3612 Datasheet
1Mb / 14P
2-CH Average Current Control Buck Controller for LED Backlight
MAP3612SIRH MGCHIP-MAP3612SIRH Datasheet
1Mb / 14P
2-CH Average Current Control Buck Controller for LED Backlight
MAP3613 MGCHIP-MAP3613 Datasheet
1Mb / 16P
3-CH Average Current Control Buck Controller for LED Backlight
MAP3613SIRH MGCHIP-MAP3613SIRH Datasheet
1Mb / 16P
3-CH Average Current Control Buck Controller for LED Backlight
More results


Similar Description - MAP3621

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6010 RICHTEK-RT6010 Datasheet
211Kb / 13P
Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
logo
MagnaChip Semiconductor...
MAP3511 MGCHIP-MAP3511 Datasheet
1Mb / 14P
Average Current Control Buck Controller for LED Backlight
MAP3512 MGCHIP-MAP3512 Datasheet
1Mb / 15P
2-CH Average Current Control Buck Controller for LED Backlight
MAP3612 MGCHIP-MAP3612 Datasheet
1Mb / 14P
2-CH Average Current Control Buck Controller for LED Backlight
MAP3613 MGCHIP-MAP3613 Datasheet
1Mb / 16P
3-CH Average Current Control Buck Controller for LED Backlight
MAP3702 MGCHIP-MAP3702 Datasheet
2Mb / 16P
600kHz 1-CH White LED Driver for Mobile Backlight
logo
Shenzhen Tianyuan Semic...
TP8021 TPOWER-TP8021 Datasheet
548Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8022 TPOWER-TP8022 Datasheet
599Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8023N TPOWER-TP8023N Datasheet
566Kb / 5P
Average Current Type LED Buck Constant Current Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com