Electronic Components Datasheet Search
  English  ▼

X  

1020035 Datasheet (PDF) - PHOENIX CONTACT

1020035 Datasheet PDF - PHOENIX CONTACT
Part # 1020035
Download  1020035 Download
File Size   321.83 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 73C 60A - Miniature Circuit Breaker

1020035 Datasheet (PDF)

Go To PDF Page Download Datasheet
1020035 Datasheet PDF - PHOENIX CONTACT

Part # 1020035
Download  1020035 Click to download

File Size   321.83 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 73C 60A - Miniature Circuit Breaker

1020035 Datasheet (HTML) - PHOENIX CONTACT


1020035 Product details

Miniature Circuit Breaker thermal-magnetic, 3-position, use: Supplementary Protection
(UL 1077), for protection against overload up to a short-circuit current of 7.5 kA, tripping
characteristic: C, mounting type: NS 35/..., rated current: 60 A




Similar Part No. - 1020035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020031 PHOENIX-1020031 Datasheet
321Kb / 8P
TMC 73C 32A - Miniature Circuit Breaker
1020032 PHOENIX-1020032 Datasheet
321Kb / 8P
TMC 73C 40A - Miniature Circuit Breaker
logo
ERNI Electronics
102003210045 ERNI-102003210045 Datasheet
63Kb / 1P
M 2,54 DRC-Q, 10-polig
102003210051 ERNI-102003210051 Datasheet
57Kb / 1P
M 2,54 SRC-A, 6-polig
102003210089 ERNI-102003210089 Datasheet
83Kb / 1P
Messerl. SMC-Q 20-SMD-BA8-13
More results


Similar Description - 1020035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM260 SCHNEIDER-HOM260 Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 60A
HOM260CP SCHNEIDER-HOM260CP Datasheet
128Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 60A
HOM260C SCHNEIDER-HOM260C Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 60A
QOUQ360 SCHNEIDER-QOUQ360 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
QOUR360 SCHNEIDER-QOUR360 Datasheet
111Kb / 2P
QOUQ Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
QOU3605250 SCHNEIDER-QOU3605250 Datasheet
143Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
EDB14060AABA SCHNEIDER-EDB14060AABA Datasheet
54Kb / 1P
MINIATURE CIRCUIT BREAKER 480Y/277V 60A
Jun 17, 2020
EDB24060LH SCHNEIDER-EDB24060LH Datasheet
54Kb / 1P
MINIATURE CIRCUIT BREAKER 480Y/277V 60A
Jun 17, 2020
EDB34060LH SCHNEIDER-EDB34060LH Datasheet
54Kb / 1P
MINIATURE CIRCUIT BREAKER 480Y/277V 60A
Jun 17, 2020
EDB340605282 SCHNEIDER-EDB340605282 Datasheet
56Kb / 1P
MINIATURE CIRCUIT BREAKER 480Y/277V 60A
Jun 17, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com