Electronic Components Datasheet Search
  English  ▼

X  

IL4822 Datasheet (PDF) - NVE Corporation

IL4822 Datasheet PDF - NVE Corporation
Part # IL4822
Download  IL4822 Download
File Size   1026.33 Kbytes
Page   29 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High-Speed Isolated RS-422 / RS-485 Transceivers

IL4822 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL4822 Datasheet PDF - NVE Corporation

Part # IL4822
Download  IL4822 Click to download

File Size   1026.33 Kbytes
Page   29 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High-Speed Isolated RS-422 / RS-485 Transceivers

IL4822 Datasheet (HTML) - NVE Corporation


IL4822 Product details

Features
40 Mbps transceiver
Integrated ¼ watt, DC-to-DC convertor
3.3 V or 5 V bus supplies;
both fully compatible and interoperable with 5 V buses
1/5 Unit Load; 160 node fanout
Fully PROFIBUS compliant (IL4822)
2500 VRMS isolation voltage
Up to 16.5 kV bus ESD protection
Full failsafe
Overcurrent and thermal shutdown protection
−40 °C to 85 °C temperature range
VDE 0884-17 certified; UL1577 registered
EN 55032 CISPR 32 Class B compliant
0.3" True 8™ mm 16-pin SOIC package

Applications
Factory automation
Industrial control networks
Medical instruments




Similar Part No. - IL4822

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IL4824S XPPOWER-IL4824S Datasheet
45Kb / 1P
DC-DC Power Supplies
More results


Similar Description - IL4822

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Analog Devices
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Advantech Co., Ltd.
BB-485OPDR-HS ADVANTECH-BB-485OPDR-HS Datasheet
571Kb / 2P
High-Speed, Isolated RS-422/485 Repeater
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com