Electronic Components Datasheet Search
  English  ▼

X  

5009250 Datasheet (PDF) - Theben AG

5009250 Datasheet PDF - Theben AG
Part # 5009250
Download  5009250 Download
File Size   100.87 Kbytes
Page   1 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Clocks

5009250 Datasheet (PDF)

Go To PDF Page Download Datasheet
5009250 Datasheet PDF - Theben AG

Part # 5009250
Download  5009250 Click to download

File Size   100.87 Kbytes
Page   1 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Clocks

5009250 Datasheet (HTML) - Theben AG


5009250 Product details

Description
- KNX indoor clock, round, double-sided
- With wall or ceiling holder (150 mm)
- White dials
- Black Arabic numerals
- Black bar hour and minute hands, red second hand
- White painted metallic housing
- Shock-resistant plexiglass
- Diameter clock face: 400 mm




Similar Part No. - 5009250

ManufacturerPart #DatasheetDescription
logo
Theben AG
5009251 THEBEN-5009251 Datasheet
100Kb / 1P
KNX Clocks
22/11/2024
5009252 THEBEN-5009252 Datasheet
120Kb / 1P
KNX Clocks
22/11/2024
More results


Similar Description - 5009250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5309 NSC-MM5309 Datasheet
526Kb / 7P
DIGITAL CLOCKS
logo
PhaseLink Corporation
PL603-27 PLL-PL603-27 Datasheet
236Kb / 7P
Multimedia Clocks
logo
Mean Well Enterprises C...
KSI-01U MEANWELL-KSI-01U Datasheet
101Kb / 3P
KNX-USB Interface
KSR-01IP MEANWELL-KSR-01IP Datasheet
102Kb / 3P
KNX IP Router
KAA-8R MEANWELL-KAA-8R Datasheet
177Kb / 7P
KNX Universal Actuator
KSC MEANWELL-KSC Datasheet
117Kb / 3P
KNX LINE Coupler
KSR MEANWELL-KSR Datasheet
104Kb / 3P
KNX IP Router
logo
WAGO Kontakttechnik Gmb...
750-889 WAGO-750-889 Datasheet
715Kb / 17P
Controller KNX IP
logo
Mean Well Enterprises C...
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
KAA-8R-S MEANWELL-KAA-8R-S Datasheet
764Kb / 8P
KNX Universal Actuator
2022-07-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com