Electronic Components Datasheet Search
  English  ▼

X  

UP9512Q Datasheet (PDF) - uPI Group Inc.

UP9512Q Datasheet PDF - uPI Group Inc.
Part # UP9512Q
Download  UP9512Q Download
File Size   475.43 Kbytes
Page   30 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 4/3/2/1-Phase Synchronous-Rectified Buck Controller with SMBus Digital Interface

UP9512Q Datasheet (PDF)

Go To PDF Page Download Datasheet
UP9512Q Datasheet PDF - uPI Group Inc.

Part # UP9512Q
Download  UP9512Q Click to download

File Size   475.43 Kbytes
Page   30 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 4/3/2/1-Phase Synchronous-Rectified Buck Controller with SMBus Digital Interface

UP9512Q Datasheet (HTML) - uPI Group Inc.


UP9512Q Product details

General Description
The uP9512Q is a 4/3/2/1-phase PWM controller
specifically designed to provide high-precision output
voltage system for next generation GPUs. The uP9512Q
provides programmable output voltage and active voltage
positioning functions to adjust the output voltage as a
function of the load current, so it is optimally positioned for
a load current transient.
The uP9512Q supports NVIDIA Open Voltage Regulator
with PWMVID feature. The PWMVID input is buffered and
filtered to generate accurate reference voltage and the output
voltage is precisely regulated to the reference input. The
integrated SMBus interface provides user the flexibility to
optimize the performance and efficiency.
The uP9512Q supports Advanced DrMOS power module
with current reporting function (DrMOS) application. The
REFOUT provides an input reference voltage for DrMOS’s
REFIN pin. The uP9512Q uses the current reporting signal
of DrMOS for channel current balancing. The uP9512Q also
provides hardware setting to adjust the operating phase
number in different load current state.
Other features include channel current limit, under voltage
protection, over voltage protection and power good output.
The uP9512Q is available in a WQFN4x4-32L package.

Features
†Support NVIDIA’s PWMVID Technology
† SMBus Interface for Performance and Efficiency
Optimization
„ Dynamic Programmable VR Parameters
„ Programmable Protection Thresholds
„ VR Output Reporting
† Selectable 4/3/2/1-Phase Operation by Hardware
Setting
† Support up to 2MHz Operation Frequency
† REFOUT Reference Voltage for Advanced DrMOS
Power Module with Current Reporting Function
(DrMOS)
† Auto-Phase Shedding
† Power State Input (PSI)
† Power Good Indication
† Channel Current Limit Protection
† Total Output Over Current Protection
† Over/Under Voltage Protection
† Over Temperature Protection
† RoHS Compliant and Halogen Free




Similar Part No. - UP9512Q

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9512 UPI-UP9512 Datasheet
498Kb / 31P
8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller with SMBus Digital Interface
Dec. 2018
UP95125 UPI-UP95125 Datasheet
486Kb / 30P
4/3/2/1-Phase Synchronous-Rectified Buck Controller with SMBus Digital Interface
Nov. 2018
UP9512P UPI-UP9512P Datasheet
498Kb / 31P
8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller with SMBus Digital Interface
Dec. 2018
UP9512PQGJ UPI-UP9512PQGJ Datasheet
498Kb / 31P
8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller with SMBus Digital Interface
Dec. 2018
UP9512R UPI-UP9512R Datasheet
698Kb / 17P
8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller for Next Generation GPU Core Power
More results


Similar Description - UP9512Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174 Datasheet
154Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
Rev 1
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
3/2/1-Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
Phase Synchronous-Rectified Buck Controller
UP1666Q UPI-UP1666Q Datasheet
417Kb / 18P
2-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
3/2/1-Phase Synchronous-Rectified Buck Controller
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
Compact Three-Phase Synchronous-Rectified Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com