Electronic Components Datasheet Search
  English  ▼

X  

SL3S1216 Datasheet (PDF) - NXP Semiconductors

SL3S1216 Datasheet PDF - NXP Semiconductors
Part # SL3S1216
Download  SL3S1216 Download
File Size   306.36 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UCODE 9xe offers high performance and features for use in the most demanding RFID tagging applications.

SL3S1216 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL3S1216 Datasheet PDF - NXP Semiconductors

Part # SL3S1216
Download  SL3S1216 Click to download

File Size   306.36 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description UCODE 9xe offers high performance and features for use in the most demanding RFID tagging applications.

SL3S1216 Datasheet (HTML) - NXP Semiconductors


SL3S1216 Product details

2 Features and benefits
2.1 Key features
• Read sensitivity -24 dBm
• Write sensitivity -22 dBm
• 128-bit EPC Memory
• Innovative functionality
– Drop-in replacement to UCODE 9 due to similar assembled input capacitance
– Self-Adjust
– Memory Safeguard
– Pre-serialization of 96-bit EPC
• Compatible with single-slit antenna
• 96-bit unique tag identifier (TID) factory locked, including 48-bit unique serial number
• EPC Gen2v2.1
2.1.1 Memory
• 128-bit of EPC memory
• Supports pre-serialization of 96-bit EPC
• 96-bit Tag IDentifier (TID) factory-locked
• 48-bit unique serial number factory-encoded into TID
• 32-bit kill password to permanently disable the tag
• Wide operating temperature range: -40 °C up to +85 °C
• Minimum 100k write cycle endurance
2.2 Supported features
• All mandatory commands of the EPCglobal Gen2v2.1 specification are implemented including:
– Kill Command
• The following optional commands are implemented in conformance with the EPC specification:
– BlockWrite (2 words, 32-bit)
• Self-Adjust for automated tag performance optimization




Similar Part No. - SL3S1216

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3S1213 NXP-SL3S1213 Datasheet
364Kb / 42P
UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1213FTB0 NXP-SL3S1213FTB0 Datasheet
461Kb / 22P
UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SL3S1213FUD NXP-SL3S1213FUD Datasheet
364Kb / 42P
UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1213FUDBG NXP-SL3S1213FUDBG Datasheet
364Kb / 42P
UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1213FUF NXP-SL3S1213FUF Datasheet
461Kb / 22P
UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
More results


Similar Description - SL3S1216

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXA1 VECTRON-VXA1 Datasheet
52Kb / 2P
crystals offers the most popular crystal package for computer and peripherals
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID Datasheet
186Kb / 1P
Suitable for high demanding applications
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
The Clear Solution for Demanding Touch Applications
logo
Switchcraft, Inc.
R-5-SW SWITCH-R-5-SW Datasheet
330Kb / 2P
The most common use for Switch Probes is in the cable harness testing industry.
logo
saftbatteries
2VL34570 SAFT-2VL34570 Datasheet
495Kb / 2P
Extreme performance in demanding military environments
DHY307 SAFT-DHY307 Datasheet
71Kb / 2P
Extreme performance in demanding military environments
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
The Stratix II family offers the following features
logo
Axiomtek Co., Ltd.
FSC_SERIES AXIOMTEK-FSC_SERIES Datasheet
88Kb / 1P
Suitable for high demanding applications
logo
List of Unclassifed Man...
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
Highest quality for the most demanding applications
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
The best performance, the most colors
20210816
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com