Electronic Components Datasheet Search
  English  ▼

X  

LTC9101-1 Datasheet (PDF) - Analog Devices

LTC9101-1 Datasheet PDF - Analog Devices
Part # LTC9101-1
Download  LTC9101-1 Download
File Size   931.08 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IEEE 802.3bt PD with Telemetry and Power Priority

LTC9101-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC9101-1 Datasheet PDF - Analog Devices

Part # LTC9101-1
Download  LTC9101-1 Click to download

File Size   931.08 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IEEE 802.3bt PD with Telemetry and Power Priority

LTC9101-1 Datasheet (HTML) - Analog Devices


LTC9101-1 Product details

FEATURES
► IEEE 802.3bt Powered Device (PD) Controller
► 400kHz I2C Interface
► Continuous Voltage, Current, and Power Telemetry
► Dedicated 14-Bit Delta-Sigma Current and Voltage ADCs
► Automatic Maintain Power Signature (MPS)
► Supports Up to 90W PDs with Extended Power
► 5-Event Classification Sensing with PSE Allocated Power Readback
► Seamless Switchover between Dual PD or PD/AUX Inputs
► Superior Surge Robustness (100V Absolute Maximum)
► Wide Junction Temperature Range (-40⁰C to 125⁰C)
► External Hot Swap N-Channel MOSFET for Lowest Power Dissipation
and Highest System Efficiency
► 50mΩ Current Sense Resistor
► Auxiliary Input Sense with Standby Modes
► 20-Pin 5mm x 5mm QFN Package

APPLICATIONS
► IEEE 802.3bt PDs with Power Telemetry
► Wireless Access Points/Pico Cells
► Internet Protocol (IP) Security Cameras
► Power over Ethernet (PoE) Lighting

DESCRIPTION
The LTC9105 is an IEEE 802.3af/at/bt ("PoE 2") Power over
Ethernet (PoE) powered device (PD) controller with input current,
voltage, and power telemetry. The LTC9105 includes an I2C interface
to read telemetry, power sourcing equipment (PSE) allocated
power, and auxiliary input status, and to write power input priority.
The LTC9105 also features a configurable downstream power-up
disable with under-power indication when the PSE allocated power
is less than the PD requested power.
The LTC9105 utilizes an external, low RDS(ON), N-Channel, Hot
Swap MOSFET, and a 50mΩ current sense resistor, and supports
the LT4321 ideal bridge to extend the end-to-end power delivery efficiency.
Also included are a power good output, external signature
resistor, resistor programmable classification and pin-configurable
PD requested Class. The presence of an auxiliary power supply
is sensed at the AUX pin and reported through the I2C interface.
Automatic maintain power signature (MPS) circuitry keeps the PD
interface powered when downstream current draw falls below an
internal MPS threshold.
Two dedicated Delta-Sigma ADCs continuously measure PD controller
input voltage and current with a typical conversion time
of 100ms and with 14-bit resolution. Simultaneous conversion of
current and voltage measurements enables high-accuracy power
calculations.




Similar Part No. - LTC9101-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC9101-1 AD-LTC9101-1 Datasheet
1Mb / 12P
DC3159A and DC3017A LTC9101-1/LTC9102/LTC9103 24-Port, 4-Pair IEEE 802.3bt PSE
Rev. 0
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC9101-1 AD-LTC9101-1 Datasheet
2Mb / 30P
8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
Rev. 0
LTC9101-1 AD-LTC9101-1 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
More results


Similar Description - LTC9101-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5953A MAXIM-MAX5953A Datasheet
500Kb / 27P
IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
Rev 1; 7/06
logo
Level One
FGS-2800 LVL1-FGS-2800 Datasheet
502Kb / 4P
IEEE 802.1p QoS with 4 priority queues
logo
Linear Technology
LT4294 LINER-LT4294 Datasheet
786Kb / 10P
IEEE 802.3bt Powered Device
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23734 TI1-TPS23734 Datasheet
1Mb / 48P
TPS23734 IEEE 802.3bt Type 3 Class 1-4 PoE PD with High Efficiency DC-DC Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Maxim Integrated Produc...
MAX5996A MAXIM-MAX5996A Datasheet
1Mb / 34P
IEEE 802.3bt-Compliant, Powered Device with Power Telemetry and Power/Current Limit
2021
logo
STMicroelectronics
PM8805 STMICROELECTRONICS-PM8805 Datasheet
1Mb / 48P
IEEE 802.3bt PoE-PD interface with embedded dual active bridge
01-Apr-2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com