Electronic Components Datasheet Search
  English  ▼

X  

LTC7897 Datasheet (PDF) - Analog Devices

LTC7897 Datasheet PDF - Analog Devices
Part # LTC7897
Download  LTC7897 Download
File Size   1557.05 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 140V, Low IQ, Synchronous Buck Controller with Programmable 5V to 10V Gate Drive

LTC7897 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC7897 Datasheet PDF - Analog Devices

Part # LTC7897
Download  LTC7897 Click to download

File Size   1557.05 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 140V, Low IQ, Synchronous Buck Controller with Programmable 5V to 10V Gate Drive

LTC7897 Datasheet (HTML) - Analog Devices


LTC7897 Product details

FEATURES
 Wide VIN Range: 4V to 135V (140V ABS MAX)
 Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 135V
(140V ABS MAX)
 Adjustable Gate Drive Level: 5V to 10V (OPTI-DRIVE,
15V ABS MAX)
 Adjustable Driver Voltage UVLO
 Adaptive or Resistor Adjustable Dead Times
 Split-Output Gate Drivers for Adjustable Turn-On
and Turn-Off Driver Strengths
 100% Duty Cycle Operation
 Low Operating IQ: 5μA (48VIN to 3.3VOUT)
 Spread Spectrum Frequency Modulation
 Programmable Frequency (100kHz to 2.5MHz)
 Synchronizable Frequency (100kHz to 2.5MHz)
 28-Pin (4mm x 5mm) QFN Package

APPLICATIONS
 Industrial Power Systems
 Military/Avionics
 Telecommunications Power Systems

GENERAL DESCRIPTION
The LTC®7897 is a high performance, 100% duty cycle
capable, synchronous step-down, DC/DC switching
regulator controller that drives all N-channel
synchronous silicon metal oxide field effect transistor
(MOSFET) power stages. Synchronous rectification
increases efficiency, reduces power loss, and simplifies
the application design by reducing thermal
requirements.
The wide input and output voltage ranges of the
LTC7897 enable not only high step-down ratios but also
a wide range of positive to negative voltage conversion.
The gate drivers of the LTC7897 provide robustness with
a 15V ABS MAX rating and flexibility with adjustable
drive levels and dead times to optimize applications.
The gate drive voltage of the LTC7897 can optionally be
adjusted from 5V to 10V to allow use of logic-level or
standard threshold MOSFETs. The dead times of the
LTC7897 can be optimized with external resistors for
margin or to tailor the application for higher efficiency
and allow for high frequency operation.




Similar Part No. - LTC7897

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7897 AD-LTC7897 Datasheet
1Mb / 53P
140V, Low IQ, Synchronous Buck Controller with Programmable 5V to 10V Gate Drive
Rev. A
LTC7897RUFD#PBF AD-LTC7897RUFD#PBF Datasheet
1Mb / 53P
140V, Low IQ, Synchronous Buck Controller with Programmable 5V to 10V Gate Drive
Rev. A
LTC7897 AD-LTC7897_V01 Datasheet
1Mb / 53P
140V, Low IQ, Synchronous Buck Controller with Programmable 5V to 10V Gate Drive
Rev. A
More results


Similar Description - LTC7897

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Anpec Electronics Corop...
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Texas Instruments
TPS43350-Q1 TI-TPS43350-Q1_15 Datasheet
1Mb / 33P
LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Diodes Incorporated
AP64350 DIODES-AP64350 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
AP64500 DIODES-AP64500 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 4 - 2 August 2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com