Electronic Components Datasheet Search
  English  ▼

X  

2859233 Datasheet (PDF) - PHOENIX CONTACT

2859233 Datasheet PDF - PHOENIX CONTACT
Part # 2859233
Download  2859233 Download
File Size   182.19 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SSA 3-6/S1 - Shield connection

2859233 Datasheet (PDF)

Go To PDF Page Download Datasheet
2859233 Datasheet PDF - PHOENIX CONTACT

Part # 2859233
Download  2859233 Click to download

File Size   182.19 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SSA 3-6/S1 - Shield connection

2859233 Datasheet (HTML) - PHOENIX CONTACT


2859233 Product details

Shield fast connection for 3 ... 6 mm cable diameter. Potential connecting cable: 250 mm, 1
mm2, color: green/yellow




Similar Part No. - 2859233

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2859 KR-2859 Datasheet
49Kb / 2P
4.15 MHz bandpass filter
logo
Heyco.
2859 HEYCO-2859 Datasheet
102Kb / 1P
Shorty Bushings
2859 HEYCO-2859 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Adafruit Industries
2859 ADAFRUIT-2859 Datasheet
103Kb / 2P
NeoPixel Jewel - 7 x 5050 RGBW LED w/ Integrated Drivers - Natural White - ~4500K
logo
Wiha Tools
2859 WIHA-2859 Datasheet
1Mb / 4P
Wiha Torque Product Range. The Brilliant Torque Screwdrivers.
More results


Similar Description - 2859233

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700518 PHOENIX-2700518 Datasheet
43Kb / 2P
Axioline shield connection set (contains 2 busbar holders and 2 SK 5 shield connection clamps)
2878586 PHOENIX-2878586 Datasheet
49Kb / 1P
Shield connector, for INTERBUS connection
3026861 PHOENIX-3026861 Datasheet
88Kb / 6P
Shield connection clamp - SK 8-D
09/12/2020
3026874 PHOENIX-3026874 Datasheet
103Kb / 7P
Shield connection clamp - SK 14-D
09/12/2020
3026887 PHOENIX-3026887 Datasheet
103Kb / 7P
Shield connection clamp - SK 20-D
09/12/2020
3026890 PHOENIX-3026890 Datasheet
105Kb / 7P
Shield connection clamp - SK 35-D
09/12/2020
3210910 PHOENIX-3210910 Datasheet
51Kb / 2P
Shield connection - HSH-METALL
09/12/2020
1128864 PHOENIX-1128864 Datasheet
121Kb / 5P
Shield connection - PC 6-SH-PLATE 1-7,62
Jul 20, 2022
1128867 PHOENIX-1128867 Datasheet
120Kb / 5P
Shield connection - PC 6-SH-PLATE 2-7,62
Jul 20, 2022
1322664 PHOENIX-1322664 Datasheet
104Kb / 3P
Shield connection clamp - SH-PCB 6
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com