Electronic Components Datasheet Search
  English  ▼

X  

KTC2000EB740 Datasheet (PDF) - Schneider Electric

KTC2000EB740 Datasheet PDF - Schneider Electric
Part # KTC2000EB740
Download  KTC2000EB740 Download
File Size   251.14 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Canalis KT

KTC2000EB740 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC2000EB740 Datasheet PDF - Schneider Electric

Part # KTC2000EB740
Download  KTC2000EB740 Click to download

File Size   251.14 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Canalis KT

KTC2000EB740 Datasheet (HTML) - Schneider Electric


KTC2000EB740 Product details

Straight length, Canalis KTC,
copper, 2000A, 3L+N+PER, high
Icw, fixed length 4m, 2 outlets for
bolt on tap off unit




Similar Part No. - KTC2000EB740

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KTC2000EB720 SCHNEIDER-KTC2000EB720 Datasheet
256Kb / 3P
Canalis KT
2025. 3. 21
More results


Similar Description - KTC2000EB740

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KT15R25 SHINDENGEN-KT15R25 Datasheet
136Kb / 1P
TSS KT Series
logo
Winchester Electronics ...
KTK-3 WINCHESTER-KTK-3 Datasheet
29Kb / 1P
KT STEEPER
KTK-4 WINCHESTER-KTK-4 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-5 WINCHESTER-KTK-5 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-6 WINCHESTER-KTK-6 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-7 WINCHESTER-KTK-7 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-8 WINCHESTER-KTK-8 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-9 WINCHESTER-KTK-9 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-11 WINCHESTER-KTK-11 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-12 WINCHESTER-KTK-12 Datasheet
29Kb / 1P
KT-SIRPPER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com