Electronic Components Datasheet Search
  English  ▼

X  

4940280 Datasheet (PDF) - Theben AG

4940280 Datasheet PDF - Theben AG
Part # 4940280
Download  4940280 Download
File Size   458.63 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Actuators DIN rail and gateways

4940280 Datasheet (PDF)

Go To PDF Page Download Datasheet
4940280 Datasheet PDF - Theben AG

Part # 4940280
Download  4940280 Click to download

File Size   458.63 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description KNX Actuators DIN rail and gateways

4940280 Datasheet (HTML) - Theben AG


4940280 Product details

Description
- 4-way universal dimmer actuator FIX1
- For dimming dimmable LED, incandescent lamps, LV, HV halogen lamps and energy saving lamps
- Also suitable for dimming of dimmable energy-saving lamps
- Also suitable for controlling fans
- LED switching status display for each channel
- Manual operation on device
- Dimming output: 200 W per channel
- Automatic load detection (can be deactivated)
- For R, L and C loads




Similar Part No. - 4940280

ManufacturerPart #DatasheetDescription
logo
Theben AG
4940285 THEBEN-4940285 Datasheet
552Kb / 2P
KNX Actuators DIN rail and gateways
22/11/2024
More results


Similar Description - 4940280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDP1-48-100T ETC2-SDP1-48-100T Datasheet
727Kb / 2P
DIN Rail Mounting/Montaje en Riel DIN/Montage du Rail DIN
logo
Silicon Laboratories
BGM121 SILABS-BGM121 Datasheet
3Mb / 96P
IoT end devices and gateways
SI3218X SILABS-SI3218X Datasheet
116Kb / 2P
VoIP Gateways and Routers
logo
Crydom Inc.,
DRK1 CRYDOM-DRK1_17 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
logo
PHOENIX CONTACT
3750 PHOENIX-3750 Datasheet
1Mb / 17P
Universal gateways and device servers
logo
Skynet Electronic Copyr...
SNP-D129 SKYNET-SNP-D129 Datasheet
313Kb / 4P
Din Rail
SNP-D249 SKYNET-SNP-D249 Datasheet
333Kb / 4P
Din Rail
SNP-D489 SKYNET-SNP-D489 Datasheet
335Kb / 4P
Din Rail
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
Magnets and Actuators
11/03/15
logo
List of Unclassifed Man...
9904291404 ETC-9904291404 Datasheet
357Kb / 3P
Automation technology - sensors and actuators
2018-07-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com