Electronic Components Datasheet Search
  English  ▼

X  

SPP-C12100P Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SPP-C12100P Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SPP-C12100P
Download  SPP-C12100P Download
File Size   2285.75 Kbytes
Page   5 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description Dual Sensor BCR Camera

SPP-C12100P Datasheet (PDF)

Go To PDF Page Download Datasheet
SPP-C12100P Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SPP-C12100P
Download  SPP-C12100P Click to download

File Size   2285.75 Kbytes
Page   5 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description Dual Sensor BCR Camera

SPP-C12100P Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SPP-C12100P Product details

• Dual Global Sensor for Barcode Reading and Video Monitoring
- MONO 4K 1” + COLOR 4K 1”
• 35mm Fixed (Wide FoV)
• AI barcode location search
- Track barcodes on high speed conveyor belt moving at 2m/s(6.5ft/s)
• 1D Code is available (Code128 / Code39 / Code93 / Codabar /
Interleaved 2 of 5 / UPC / EAN)
• Reinforced durability
- IP66, IP67, IK10, NEMA TS-2 2.2.9, M12 8pin Ethernet connect
- Humidity control with AIR vent, EN 60068-2-6(vibration resistance)
- EN 60068-2-27 (shock resistance), Operating temperature -40°C ~ + 55°C




Similar Part No. - SPP-C12100P

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SPP-C12100P HANWHAVISION-SPP-C12100P Datasheet
848Kb / 3P
M12 Power cable 10M (32.8ft)
SPP-C12100P HANWHAVISION-SPP-C12100P Datasheet
2Mb / 5P
Dual Sensor BCR Camera
SPP-C12100P HANWHAVISION-SPP-C12100P Datasheet
2Mb / 5P
Dual Sensor BCR Camera
More results


Similar Description - SPP-C12100P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
DUAL-MODE DIGITAL CAMERA CHIPSET
Sep-2001
logo
Sanyo Semicon Device
SIS0100 SANYO-SIS0100 Datasheet
80Kb / 3P
Black and White Image Sensor Camera Module
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
Colro Image Sensor Camera Module?
logo
Hamamatsu Corporation
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
X-Ray Line Sensor Camera
logo
List of Unclassifed Man...
SPCA504A ETC-SPCA504A Datasheet
355Kb / 4P
Dual Mode PC Camera Processor
MX88L60UC ETC-MX88L60UC Datasheet
261Kb / 23P
DUAL-MODE PC CAMERA CONTROLLER
logo
Winbond
W99681CF WINBOND-W99681CF Datasheet
816Kb / 78P
JPEG USB Dual Mode Camera Chip
logo
SONiX Technology Compan...
SN9C2028AF SONIX-SN9C2028AF Datasheet
593Kb / 10P
SONiX Dual Mode Camera Processor
logo
STMicroelectronics
VL6522 STMICROELECTRONICS-VL6522 Datasheet
276Kb / 35P
VGA resolution USB2.0 web camera sensor
05-Jul-2007
logo
Maxim Integrated Produc...
MAX20086 MAXIM-MAX20086 Datasheet
747Kb / 22P
Dual/Quad Camera Power Protectors
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com