Electronic Components Datasheet Search
  English  ▼

X  

2079002 Datasheet (PDF) - Theben AG

2079002 Datasheet PDF - Theben AG
Part # 2079002
Download  2079002 Download
File Size   1089.86 Kbytes
Page   4 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Presence and motion detectors Ceiling installation indoor

2079002 Datasheet (PDF)

Go To PDF Page Download Datasheet
2079002 Datasheet PDF - Theben AG

Part # 2079002
Download  2079002 Click to download

File Size   1089.86 Kbytes
Page   4 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Presence and motion detectors Ceiling installation indoor

2079002 Datasheet (HTML) - Theben AG


2079002 Product details

Description
- Passive infra-red presence detector KNX for flush-mounted ceiling installation
- Square detection area 360°, 9 x 9 m, (81 m2) at mounting height 3 m
- 3 channels light and 2 channels presence
- 2 channel light C1, C2 with 2 light measurements and additional lighting channel C3 without brightness factor
- 2 presence channels can be set individually
- Adaptable 3 channel light measurement
- Mixed light measurement suitable for LEDs, fluorescent lamps (FL/PL/ESL) and halogen/incandescent lamps
- Can be used as fully or semi-automatic, switchable
- Switch or constant light control mode with stand-by function
- Dimmable lighting in switch mode with stand-by function
- Brightness switching value or set point value can be set in lux using parameters, on the device itself or via remote control
- Teaching in of the brightness switching value or the set point value
- Room correction factor setting for brightness measurement calibration
- Light time delay can be set using parameters, on the device itself or via remote control
- Switch on delay and time delay for presence can be set
- Detection sensitivity can be set
- Self-learning time delay
- Reduced time delay in the event of a shorter stay in the room (short presence)
- Scenario functions
- Extremely easy setting of energy saving characteristics with the new "eco plus" function
- Test mode for checking function and detection range
- Parallel switching of several detectors in Master/Slave or Master/Master possible
- User remote control and management-remote control (optional)
- Room monitoring
- * According to warranty terms and conditions, see www.theben.de/en/guarantee




Similar Part No. - 2079002

ManufacturerPart #DatasheetDescription
logo
Theben AG
2079000 THEBEN-2079000 Datasheet
1Mb / 4P
Presence and motion detectors Ceiling installation indoor
22/11/2024
2079001 THEBEN-2079001 Datasheet
1Mb / 4P
Presence and motion detectors Ceiling installation indoor
22/11/2024
More results


Similar Description - 2079002

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
logo
Epson Company
M-G350-PD11 EPSON-M-G350-PD11 Datasheet
1Mb / 4P
Motion analysis and control
logo
World Produts Inc.
WPANT30040-RA WPI-WPANT30040-RA Datasheet
159Kb / 2P
3G / 4G Penta-band Indoor Ceiling mount Antenna
WPANT30041-RA WPI-WPANT30041-RA Datasheet
137Kb / 2P
3G / 4G Penta-band Indoor Ceiling mount Antenna
logo
Tripp Lite. All Rights ...
DCTM TRIPPLITE-DCTM Datasheet
495Kb / 2P
Full-Motion Ceiling Mount
DUNVPJT TRIPPLITE-DUNVPJT Datasheet
510Kb / 2P
Full Motion Universal Ceiling Mount for Projectors
logo
List of Unclassifed Man...
302 ETC2-302 Datasheet
98Kb / 1P
Indicates Phase Presence
logo
Laird Tech Smart Techno...
OC24519 LSTD-OC24519 Datasheet
224Kb / 1P
ASSEMBLY AND INSTALLATION
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
Low-power, high-sensitivity infrared sensor for presence and motion detection
21-Dec-2021
logo
Emerson Network Power
MITX-CORE-820 EMERSON-NETWORKPOWER-MITX-CORE-820 Datasheet
2Mb / 104P
Installation and Use
August 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com