Electronic Components Datasheet Search
  English  ▼

X  

784383240033HT Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

784383240033HT Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 784383240033HT
Download  784383240033HT Download
File Size   926.86 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MAIA SMT Power Inductor

784383240033HT Datasheet (PDF)

Go To PDF Page Download Datasheet
784383240033HT Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 784383240033HT
Download  784383240033HT Click to download

File Size   926.86 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MAIA SMT Power Inductor

784383240033HT Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


784383240033HT Product details

General Properties:
Ambient Temperature (referring
to IRP) -55 °C up to +110 °C
Operating Temperature -55 °C up to +150 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
Test conditions of Rated Current: refer to IEC 62024-2-2020, Class C (PCB Copper Width: 40 mm;
PCB Copper Thickness: 105 μm)




Similar Part No. - 784383240033HT

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
784383240047 WURTH-784383240047 Datasheet
807Kb / 8P
WE-MAIA SMT Power Inductor
004.000
784383240047HT WURTH-784383240047HT Datasheet
862Kb / 8P
WE-MAIA SMT Power Inductor
001.000
784383240056 WURTH-784383240056 Datasheet
807Kb / 8P
WE-MAIA SMT Power Inductor
004.000
784383240056HT WURTH-784383240056HT Datasheet
862Kb / 8P
WE-MAIA SMT Power Inductor
001.000
784383240068 WURTH-784383240068 Datasheet
506Kb / 7P
WE-MAIA SMD Power Inductor
001.002
More results


Similar Description - 784383240033HT

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
78438313012 WURTH-78438313012 Datasheet
585Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438313022 WURTH-78438313022 Datasheet
554Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438356010HT WURTH-78438356010HT Datasheet
580Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438356022HT WURTH-78438356022HT Datasheet
580Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438356047HT WURTH-78438356047HT Datasheet
580Kb / 7P
WE-MAIA SMT Power Inductor
001.000
784383130056 WURTH-784383130056 Datasheet
555Kb / 7P
WE-MAIA SMT Power Inductor
001.000
78438366010 WURTH-78438366010 Datasheet
625Kb / 8P
WE-MAIA SMT Power Inductor
001.000
78438367068 WURTH-78438367068 Datasheet
655Kb / 8P
WE-MAIA SMT Power Inductor
001.000
784383560047HT WURTH-784383560047HT Datasheet
581Kb / 7P
WE-MAIA SMT Power Inductor
001.000
784383660082 WURTH-784383660082 Datasheet
626Kb / 8P
WE-MAIA SMT Power Inductor
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com