Electronic Components Datasheet Search
  English  ▼

X  

TPS74201RGWRM3 Datasheet (PDF) - Texas Instruments

TPS74201RGWRM3 Datasheet PDF - Texas Instruments
Part # TPS74201RGWRM3
Download  TPS74201RGWRM3 Download
File Size   3194.93 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS742 1.5A Ultra-LDO With Programmable Soft-Start

TPS74201RGWRM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS74201RGWRM3 Datasheet PDF - Texas Instruments

Part # TPS74201RGWRM3
Download  TPS74201RGWRM3 Click to download

File Size   3194.93 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS742 1.5A Ultra-LDO With Programmable Soft-Start

TPS74201RGWRM3 Datasheet (HTML) - Texas Instruments


TPS74201RGWRM3 Product details

1 Features
• Input voltage range: 0.8V to 5.5V
• Soft-start (SS) pin provides a linear start-up with
ramp time set by external capacitor
• 1% accuracy over line, load, and temperature
• Supports input voltages as low as 0.8V with
external bias supply
• Adjustable output (0.8V to 3.6V)
• Ultra-Low Dropout:
– 60mV (legacy chip) at 1.5A (typical)
– 55mV (new chip) at 1.5A (typical)
• Stable with any output capacitor ≥ 2.2μF (new
chip)
• Stable with any or no output capacitor (legacy
chip)
• Excellent transient response
• Open-drain power-good
• Active high enable

2 Applications
• Network attached storage - enterprise
• Rack servers
• Network interface cards (NIC)
• Merchant network and server PSU

3 Description
The TPS742 series of low-dropout (LDO) linear
regulators provide an easy-to-use, robust powermanagement
solution for a wide variety of
applications. User-programmable soft-start minimizes
stress on the input power source by reducing
capacitive inrush current on start-up. The soft-start is
monotonic and well suited for powering many different
types of processors and ASICs. The enable input
and power-good output allow easy sequencing with
external regulators. This complete flexibility permits
the user to configure a solution that meets the
sequencing requirements of FPGAs, DSPs, and other
applications with special start-up requirements.
A precision reference and error amplifier deliver 1%
accuracy over load, line, temperature, and process.
The device is is stable with any type of capacitor
greater than or equal to 2.2μF (new chip), and is fully
specified from –40°C to 125°C.




Similar Part No. - TPS74201RGWRM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201RGWR TI-TPS74201RGWR Datasheet
978Kb / 26P
1.5A Ultra-LDO with Programmable Soft-Start
TPS74201RGWR TI1-TPS74201RGWR Datasheet
1Mb / 34P
Ultra-LDO With Programmable Soft-Start
TPS74201RGWRG4 TI-TPS74201RGWRG4 Datasheet
978Kb / 26P
1.5A Ultra-LDO with Programmable Soft-Start
TPS74201RGWRG4 TI1-TPS74201RGWRG4 Datasheet
1Mb / 34P
Ultra-LDO With Programmable Soft-Start
More results


Similar Description - TPS74201RGWRM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74301 TI-TPS74301 Datasheet
846Kb / 27P
1.5A Ultra-LDO with Programmable Sequencing
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
1.5A Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
3.0A Ultra-LDO with Programmable Soft-Start
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
1.5A Ultra-LDO with Programmable Sequencing
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
1.5A Ultra-LDO with Programmable Soft-Start
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
Ultra-LDO With Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
3.0-A, Ultra-LDO with Programmable Soft-Start
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com