Electronic Components Datasheet Search
  English  ▼

X  

TLV840 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV840 Datasheet PDF - Texas Instruments
Part # TLV840
Download  TLV840 Download
File Size   1627.8 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay

TLV840 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV840 Datasheet PDF - Texas Instruments

Part # TLV840
Download  TLV840 Click to download

File Size   1627.8 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay

TLV840 Datasheet (HTML) - Texas Instruments


TLV840 Product details

1 Features
Qualified for automotive applications:
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
Designed for high performance:
• Nano supply current : 120 nA (Typ)
• High accuracy: ±0.5% (Typ)
• Built-in hysteresis (VHYS): 5% (Typ)
• Fixed threshold voltage (VIT-): 0.8 V to 5.4 V
Designed for a wide range of applications:
• Operating voltage range : 0.7 V to 6 V
• Fixed (VIT-) voltage: 0.8 V to 5.4 V in 0.1 V steps
• Programmable reset time delay (tD)
– Min time delay: 40 μs (typ) without capacitor
• Active-low manual reset (MR)
Multiple output topologies / Package type:
• Four output topologies (RESET / RESET):
– TLV840MADL-Q1: open-drain, active-low
– TLV840MAPL-Q1: push-pull, active-low
– TLV840MADH-Q1: open-drain, active-high
– TLV840MAPH-Q1: push-pull, active-high
• Package: SOT23-5 (DBV)

2 Applications
• Surround view system, front camera
• Automotive gateway
• Radar ECU
• Automotive head unit
• ADAS controller
• Emergency call
• Telematics control unit

3 Description
The TLV840-Q1 device is a voltage supervisor or
reset IC that can operate at wide input voltage levels
from 0.7 V to 6 V while maintaining very low quiescent
current across the whole VDD and temperature range.
TLV840-Q1 offers the best combination of low power
consumption, high accuracy and low propagation
delay (tp_HL= 30 μs typical).
Reset output signal is asserted when the voltage at
VDD drops below the negative voltage threshold
(VIT-). Reset signal is cleared when VDD rise above
VIT- plus hysteresis (VHYS) and the reset time delay
(tD) expires. Reset time delay can be programmed
by connecting a capacitor between the CT pin and
ground. For a minimum reset delay time the CT pin
can be left floating. The TLV840-Q1, with its manual
reset pin (MR), offers program flexibility by forcing the
system into a hard reset when the pin is asserted.
Additional features: Low power-on reset voltage
(VPOR), built-in glitch immunity protection for VDD,
built-in hysteresis, low open-drain output leakage
current (Ilkg(OD)). TLV840-Q1 is a perfect voltage
monitoring solution for automotive applications and
battery-powered / low-power applications.




Similar Part No. - TLV840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV840 TI1-TLV840 Datasheet
862Kb / 26P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840 Datasheet
1Mb / 29P
TLV840-Q1 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Similar Description - TLV840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV840 TI1-TLV840 Datasheet
862Kb / 26P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840-Q1 TI-TLV840-Q1 Datasheet
1Mb / 29P
TLV840-Q1 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TPS3899-Q1 TI-TPS3899-Q1 Datasheet
1Mb / 28P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TLV840-Q1 TI-TLV840-Q1_V01 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
TLV840-Q1 TI-TLV840-Q1_V02 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840-Q1 TI-TLV840-Q1_V03 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
REVISED APRIL 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com