Electronic Components Datasheet Search
  English  ▼

X  

AX3005-50M5 Datasheet (PDF) - AXElite technology co. ltd

AX3005-50M5 Datasheet PDF - AXElite technology co. ltd
Part # AX3005-50M5
Download  AX3005-50M5 Download
File Size   830.33 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 150KHz, 3A PWM Buck DC/DC Converter

AX3005-50M5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3005-50M5 Datasheet PDF - AXElite technology co. ltd

Part # AX3005-50M5
Download  AX3005-50M5 Click to download

File Size   830.33 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 150KHz, 3A PWM Buck DC/DC Converter

AX3005-50M5 Datasheet (HTML) - AXElite technology co. ltd


AX3005-50M5 Product details

 GENERAL DESCRIPTION
The AX3005 series are monolithic IC designed for a step down DC/DC converter, and own the ability of driving a 3A load without additional transistor. It saves board space. The external shutdown funct ion can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control having good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperatu re operating from damage, and current limit is against over current operating of the output switch. If current limit function occurs and VFB is down below 0.5V, the switching frequency will be reduced. The AX3005 series operates at a switching frequency of 150KHz thus allow smaller sized filter components than what would be needed with lower frequency switching regulators. The output version included fixed 3.3V, 5V, 12V, and an adjustable type. The chip is available in a 5-Lead TO263 package.

 FEATURES
- Outp ut voltage: 3.3V, 5V, 12V and adjustable output version.
- Adjustable version output voltage range, 1.23V to 38.5V.
- 150KHz fixed switching frequency.
- Voltage mode non synchronous PWM control.
- Thermal shutdown and current limit protection.
- ON/OFF shutdown con trol input.
- Short Circuit Protect (SCP).
- Operating voltage can be up to 40V.
- Output load current: 3A.
- 5-Lead TO263 Pb-Free packages.
- Low power standby mode.
- Built-in switching transistor on chip.
- RoHS and Halogen free compliance.




Similar Part No. - AX3005-50M5

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AX3000 TP-LINK-AX3000 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
AXElite technology co. ...
AX3001 AXELITE-AX3001 Datasheet
647Kb / 12P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.2 Oct.03, 2019
AX3001-12S AXELITE-AX3001-12S Datasheet
647Kb / 12P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.2 Oct.03, 2019
AX3001-12SA AXELITE-AX3001-12SA Datasheet
647Kb / 12P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.2 Oct.03, 2019
AX3001-33S AXELITE-AX3001-33S Datasheet
647Kb / 12P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.2 Oct.03, 2019
More results


Similar Description - AX3005-50M5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com