Electronic Components Datasheet Search
  English  ▼

X  

TSHA2101CQ Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSHA2101CQ Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSHA2101CQ
Download  TSHA2101CQ Download
File Size   468.32 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Integrated AMR for Cylinder Position Detection

TSHA2101CQ Datasheet (PDF)

Go To PDF Page Download Datasheet
TSHA2101CQ Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSHA2101CQ
Download  TSHA2101CQ Click to download

File Size   468.32 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Integrated AMR for Cylinder Position Detection

TSHA2101CQ Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSHA2101CQ Product details

FEATURES
● Omni-polar
● Supply voltage range 3.3V to 30V
● Operating frequency ≥4kHz
● -30V Reversed power supply protection
● Output over-current protection
● -40°C~105°C operating temperature
● Open-drain output with self-adaptation of Pull-up or Pull-down load (Equivalent loading ≤50kΩ @ 3-Wire)
● RoHS compliant
● Halogen-Free
APPLICATION
● 2-wire & 3-wire Cylinder position detection
● Pull-up & Pull-down load applications




Similar Part No. - TSHA2101CQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA440 VISHAY-TSHA440 Datasheet
83Kb / 5P
GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
20-May-99
TSHA4400 VISHAY-TSHA4400 Datasheet
83Kb / 5P
GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
20-May-99
TSHA4400 VISHAY-TSHA4400 Datasheet
106Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
16-Sep-08
TSHA4400 VISHAY-TSHA4400 Datasheet
119Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
TSHA4400 VISHAY-TSHA4400 Datasheet
117Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
More results


Similar Description - TSHA2101CQ

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
Integrated Circuit CMOS, LSI for Supply Voltage Detection
logo
Infineon Technologies A...
KP106 INFINEON-KP106 Datasheet
155Kb / 2P
Integrated Pressure Sensor IC for Side Crash Detection
logo
Rohm
BD8664GW ROHM-BD8664GW Datasheet
1Mb / 35P
Integrated Input Detection
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
PHOENIX CONTACT
6754 PHOENIX-6754 Datasheet
226Kb / 11P
Inline Modular position detection terminal, input for magnetostrictive position transducers with START/STOP interface
logo
Analog Devices
ADPD188BI AD-ADPD188BI Datasheet
1Mb / 62P
Integrated Optical Module for Smoke Detection
9/2020-Rev. A to Rev. B
logo
TE Connectivity Ltd
CAT-ATS0002 TEC-CAT-ATS0002 Datasheet
94Kb / 1P
BRAKE CYLINDER POSITION SENSOR
logo
Honeywell Solid State E...
VM821Q1 HONEYWELL-VM821Q1 Datasheet
1Mb / 2P
AMR 4-Pin Quadrature Sensor Integrated Circuit
10/18
logo
Analog Devices
EVAL-ADA4571-2 AD-EVAL-ADA4571-2 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com