Electronic Components Datasheet Search
  English  ▼

X  

TSF30102C Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSF30102C Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSF30102C
Download  TSF30102C Download
File Size   288.67 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 30A, 100V Trench Schottky Rectifier

TSF30102C Datasheet (PDF)

Go To PDF Page Download Datasheet
TSF30102C Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSF30102C
Download  TSF30102C Click to download

File Size   288.67 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 30A, 100V Trench Schottky Rectifier

TSF30102C Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSF30102C Product details

FEATURES
Excellent high temperature stability
Low forward voltage
Low power loss/ High efficiency
High forward surge capability
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converters




Similar Part No. - TSF30102C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF30122C TSC-TSF30122C Datasheet
289Kb / 6P
30A, 120V Trench Schottky Rectifier
Version: A2405
More results


Similar Description - TSF30102C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
30A, 100V - 200V Trench Schottky Rectifiers
logo
Chip Integration Techno...
CF30L60CT CITC-CF30L60CT Datasheet
479Kb / 3P
30A Trench Schottky Rectifier
CF30L100CT CITC-CF30L100CT Datasheet
492Kb / 3P
30A Trench Schottky Rectifier
logo
PFC Device Inc.
PTR30L100CT PFC-PTR30L100CT Datasheet
775Kb / 7P
30A 100V HPTR Schottky Rectifier
PTR30L100PT PFC-PTR30L100PT Datasheet
665Kb / 6P
30A 100V HPTR Schottky Rectifier
PTR30V100CT PFC-PTR30V100CT Datasheet
778Kb / 7P
30A 100V HPTR Schottky Rectifier
PTR30100PT PFC-PTR30100PT Datasheet
663Kb / 6P
30A 100V HPTR Schottky Rectifier
PTR30A100CT PFC-PTR30A100CT Datasheet
775Kb / 7P
30A 100V HPTR짰 Schottky Rectifier
logo
Diodes Incorporated
SDT30A100CT DIODES-SDT30A100CT Datasheet
714Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 6 - 2
SDT30A120CT DIODES-SDT30A120CT Datasheet
739Kb / 7P
30A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 4 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com