Electronic Components Datasheet Search
  English  ▼

X  

2277129 Datasheet (PDF) - PHOENIX CONTACT

2277129 Datasheet PDF - PHOENIX CONTACT
Part # 2277129
Download  2277129 Download
File Size   301.15 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PACT MCR-V2-4012- 70- 400-5A-1 - Current transformer

2277129 Datasheet (PDF)

Go To PDF Page Download Datasheet
2277129 Datasheet PDF - PHOENIX CONTACT

Part # 2277129
Download  2277129 Click to download

File Size   301.15 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PACT MCR-V2-4012- 70- 400-5A-1 - Current transformer

2277129 Datasheet (HTML) - PHOENIX CONTACT


2277129 Product details

Window-type current transformer, 400 A AC primary current; 5 A AC secondary current;
accuracy class 1; 7.5 VA rated power




Similar Part No. - 2277129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2277103 PHOENIX-2277103 Datasheet
295Kb / 8P
PACT MCR-V2-3015- 60- 600-5A-1 - Current transformer
2277116 PHOENIX-2277116 Datasheet
301Kb / 8P
PACT MCR-V2-4012- 70- 250-5A-1 - Current transformer
2277132 PHOENIX-2277132 Datasheet
301Kb / 8P
PACT MCR-V2-4012- 70- 600-5A-1 - Current transformer
2277145 PHOENIX-2277145 Datasheet
301Kb / 8P
PACT MCR-V2-4012- 70- 800-5A-1 - Current transformer
2277158 PHOENIX-2277158 Datasheet
301Kb / 8P
PACT MCR-V2-4012- 70-1000-5A-1 - Current transformer
More results


Similar Description - 2277129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2277776 PHOENIX-2277776 Datasheet
54Kb / 3P
Current transformer - PACT MCR-V1-21-44-200-5A-1
2277857 PHOENIX-2277857 Datasheet
59Kb / 4P
Current transformer - PACT MCR-V2-3015- 60- 200-5A-1
2277873 PHOENIX-2277873 Datasheet
60Kb / 4P
Current transformer - PACT MCR-V2-6015- 85- 200-5A-1
2904922 PHOENIX-2904922 Datasheet
65Kb / 4P
Current transformer - PACT RCP-4000A-1A-D140
2904923 PHOENIX-2904923 Datasheet
65Kb / 4P
Current transformer - PACT RCP-4000A-1A-D190
2277543 PHOENIX-2277543 Datasheet
51Kb / 2P
Connection element - PACT MCR-CB-28-12
09/12/2020
2906231 PHOENIX-2906231 Datasheet
91Kb / 6P
Current transformer - PACT RCP-4000A-UIRO-D95
09/12/2020
1382378 PHOENIX-1382378 Datasheet
188Kb / 5P
Current transformer - PACT SPC-20-1A-D13
Nov 16, 2022
1382387 PHOENIX-1382387 Datasheet
188Kb / 5P
Current transformer - PACT SPC-100-1A-D13
Nov 16, 2022
logo
NHP Electrical Engineer...
TA3274005A NHP-TA3274005A Datasheet
1Mb / 3P
CURRENT TRANSFORMER 400/5A 27MM
28 February 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com