Electronic Components Datasheet Search
  English  ▼

X  

SMJ1309 Datasheet (PDF) - Solid State Inc

SMJ1309 Datasheet PDF - Solid State Inc
Part # SMJ1309
Download  SMJ1309 Download
File Size   292.0 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance (500m TYP)

SMJ1309 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMJ1309 Datasheet PDF - Solid State Inc

Part # SMJ1309
Download  SMJ1309 Click to download

File Size   292.0 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance (500m TYP)

SMJ1309 Datasheet (HTML) - Solid State Inc


SMJ1309 Product details

Features
 Low On Resistance (500m TYP)
 Low Output Capacitance (18pF TYP @ 25V)
 Low Output Leakage (1nA MAX @ 80V)
 750mA Maximum Continuous Load Current
 Isolation Voltage (500VRMS)
 2 Form C with Break Before Make Switching
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 EMR Replacement
 Automatic Test Equipment
 Data Acquisition
 Medical Equipment
 Battery Monitoring
 Safety Systems




Similar Part No. - SMJ1309

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SMJ1359 SOLIDSTATE-SMJ1359 Datasheet
287Kb / 7P
EMR Replacement
More results


Similar Description - SMJ1309

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
logo
Solid State Optronic
AD4C741 SSOUSA-AD4C741 Datasheet
299Kb / 8P
Low On Resistance (170m TYP)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
Low on-resistance (0.35 ohm TYP)
AD6C741 SSOUSA-AD6C741 Datasheet
243Kb / 5P
Low on-resistance (0.17 ohms TYP)
M291 SSOUSA-M291 Datasheet
281Kb / 7P
Low On Resistance (70m??TYP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com