Electronic Components Datasheet Search
  English  ▼

X  

D208M Datasheet (PDF) - SOVICO corp.

D208M Datasheet PDF - SOVICO corp.
Part # D208M
Download  D208M Download
File Size   5504.73 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Dual 8” Stage Monitor

D208M Datasheet (PDF)

Go To PDF Page Download Datasheet
D208M Datasheet PDF - SOVICO corp.

Part # D208M
Download  D208M Click to download

File Size   5504.73 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Dual 8” Stage Monitor

D208M Datasheet (HTML) - SOVICO corp.


D208M Product details

Key features
● 듀얼 8인치 드라이버 사용
● 깨끗하고 선명한 보이스 모니터링에 특화
● 모니터에서 발생되는 무대위의 불필요한 저역대 억제로 인해 깨끗하고 정교한 PA 확성
● 다용도 활용을 위한 스피커 스탠드용 Pole mount hole 제공




Similar Part No. - D208M

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
D208 VECTRON-D208 Datasheet
410Kb / 4P
OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
logo
Seme LAB
D2081UK SEME-LAB-D2081UK Datasheet
25Kb / 3P
METAL GATE RF SILICON FET
D2082 SEME-LAB-D2082 Datasheet
12Kb / 1P
TetraFET 40W - 28V - 1.0GHz
D2082UK SEME-LAB-D2082UK Datasheet
12Kb / 1P
TetraFET 40W - 28V - 1.0GHz
D2083UK SEME-LAB-D2083UK Datasheet
11Kb / 1P
TetraFET 80W - 28V - 1.0GHz
More results


Similar Description - D208M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5200 PHILIPS-SA5200 Datasheet
375Kb / 14P
RF dual gain-stage
1997 Nov 07
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
logo
Fairchild Semiconductor
CD4014BC FAIRCHILD-CD4014BC Datasheet
67Kb / 7P
8-Stage Static Shift Register
CD4021BC FAIRCHILD-CD4021BC Datasheet
70Kb / 7P
8-Stage Static Shift Register
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
8-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
8-Stage Static Shift Register
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
Smart Power Stage Module with Integrated Temperature Monitor
logo
STMicroelectronics
STEVAL-IME003V1 STMICROELECTRONICS-STEVAL-IME003V1 Datasheet
256Kb / 12P
LEDs to monitor the power management stage
11-Aug-2011
logo
ON Semiconductor
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Nexperia B.V. All right...
74AHC1G4208-Q100 NEXPERIA-74AHC1G4208-Q100 Datasheet
207Kb / 11P
8-stage divider and oscillator
Rev. 2 - 11 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com