Electronic Components Datasheet Search
  English  ▼

X  

3037559 Datasheet (PDF) - PHOENIX CONTACT

3037559 Datasheet PDF - PHOENIX CONTACT
Part # 3037559
Download  3037559 Download
File Size   251.56 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 4-QUATTRO RD - Feed-through terminal block

3037559 Datasheet (PDF)

Go To PDF Page Download Datasheet
3037559 Datasheet PDF - PHOENIX CONTACT

Part # 3037559
Download  3037559 Click to download

File Size   251.56 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 4-QUATTRO RD - Feed-through terminal block

3037559 Datasheet (HTML) - PHOENIX CONTACT


3037559 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 32 A, number of
connections: 4, connection method: Spring-cage connection, 1 level, Rated cross section: 4
mm2, cross section: 0.08 mm2 - 6 mm2, mounting type: NS 35/7,5, NS 35/15, color: red




Similar Part No. - 3037559

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037504 PHOENIX-3037504 Datasheet
234Kb / 21P
Feed-through terminal block - STS 2,5-TWIN OG
09/12/2020
3037517 PHOENIX-3037517 Datasheet
150Kb / 18P
Feed-through terminal block - STS 2,5-TWIN RD
3037520 PHOENIX-3037520 Datasheet
250Kb / 9P
STS 4-TWIN RD - Feed-through terminal block
3037533 PHOENIX-3037533 Datasheet
120Kb / 12P
Feed-through terminal block - STS 4-TWIN OG
logo
TE Connectivity Ltd
303754-000 TEC-303754-000 Datasheet
3Mb / 40P
Raychem Application Tooling
More results


Similar Description - 3037559

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037481 PHOENIX-3037481 Datasheet
136Kb / 16P
Feed-through terminal block - STS 4 OG
3037494 PHOENIX-3037494 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4 RD
3037517 PHOENIX-3037517 Datasheet
150Kb / 18P
Feed-through terminal block - STS 2,5-TWIN RD
3037546 PHOENIX-3037546 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4-QUATTRO OG
3037562 PHOENIX-3037562 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO RD
3037575 PHOENIX-3037575 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO OG
3208200 PHOENIX-3208200 Datasheet
87Kb / 5P
Feed-through terminal block - PT 1,5/S-QUATTRO RD
3209580 PHOENIX-3209580 Datasheet
188Kb / 21P
Feed-through terminal block - PT 2,5-QUATTRO RD
3210280 PHOENIX-3210280 Datasheet
83Kb / 6P
Feed-through terminal block - PT 2,5-QUATTRO-LA 24 RD
1291927 PHOENIX-1291927 Datasheet
870Kb / 28P
Feed-through terminal block - PTV 6-QUATTRO RD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com