| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
LUC-024SXXXDSP
|
476Kb / 10P |
24W Constant Current IP20 Driver
Rev. G |
 Inventronics Inc. |
LUC-012SXXXDSMSSM
|
454Kb / 9P |
12W Constant Current IP20 Driver
Rev. L |
|
LUC-024SXXXDSPSSP
|
529Kb / 11P |
24W Constant Current IP20 Driver
Rev. J |
|
LLC-012SXXXRSP
|
154Kb / 7P |
12W Constant Current IP20 Driver
Rev. F |
|
LUC-010SXXXDSM
|
337Kb / 10P |
10W Constant Current IP20 Driver
Rev. K |
|
LUC-040S060RSP
|
227Kb / 7P |
40W Constant Current IP20 Driver
Rev. B |
|
LUC-042SXXXDSW
|
373Kb / 10P |
42W Constant Current IP20 Driver
Rev. C |
|
LWC-018SXXXSSP
|
820Kb / 8P |
18W Constant Current IP20 Driver
Rev. J |
|
LWC-024SXXXSSE
|
188Kb / 8P |
24W Constant Current IP20 Driver
Rev. L |
|
LWC-024SXXXSSP
|
190Kb / 8P |
24W Constant Current IP20 Driver
Rev. K |