Electronic Components Datasheet Search
  English  ▼

X  

3036288 Datasheet (PDF) - PHOENIX CONTACT

3036288 Datasheet PDF - PHOENIX CONTACT
Part # 3036288
Download  3036288 Download
File Size   250.99 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 2,5-QUATTRO BU - Feed-through terminal block

3036288 Datasheet (PDF)

Go To PDF Page Download Datasheet
3036288 Datasheet PDF - PHOENIX CONTACT

Part # 3036288
Download  3036288 Click to download

File Size   250.99 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 2,5-QUATTRO BU - Feed-through terminal block

3036288 Datasheet (HTML) - PHOENIX CONTACT


3036288 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, number of
connections: 4, connection method: Spring-cage connection, 1 level, Rated cross section: 2.5
mm2, cross section: 0.08 mm2 - 4 mm2, mounting type: NS 35/7,5, NS 35/15, color: blue




Similar Part No. - 3036288

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3036217 PHOENIX-3036217 Datasheet
134Kb / 13P
Installation level terminal block - STI 2,5 BU
3036233 PHOENIX-3036233 Datasheet
133Kb / 5P
ST 2,5-QUATTRO-DIO/L-R
3036246 PHOENIX-3036246 Datasheet
129Kb / 5P
ST 2,5-TWIN-DIO/L-R
3036260 PHOENIX-3036260 Datasheet
48Kb / 3P
Feed-through terminal block - ST 2,5-BE
3036262 PHOENIX-3036262 Datasheet
125Kb / 5P
ST 2,5-DIO/L-R
More results


Similar Description - 3036288

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3034057 PHOENIX-3034057 Datasheet
65Kb / 4P
Feed-through terminal block - DT 2,5-QUATTRO
3034060 PHOENIX-3034060 Datasheet
73Kb / 5P
Feed-through terminal block - DT 2,5-QUATTRO BU
3037546 PHOENIX-3037546 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4-QUATTRO OG
3037562 PHOENIX-3037562 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO RD
3037575 PHOENIX-3037575 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO OG
3211022 PHOENIX-3211022 Datasheet
174Kb / 22P
Feed-through terminal block - PT 2,5/S-QUATTRO BU
3211029 PHOENIX-3211029 Datasheet
164Kb / 19P
Feed-through terminal block - PT 2,5/S-QUATTRO BU CUS
3212002 PHOENIX-3212002 Datasheet
575Kb / 20P
Feed-through terminal block - PTS 2,5-QUATTRO BU
3040669 PHOENIX-3040669 Datasheet
512Kb / 47P
Feed-through terminal block - ST 2,5-QUATTRO/2P BU
09/12/2020
3211993 PHOENIX-3211993 Datasheet
252Kb / 22P
Feed-through terminal block - PTS 2,5-QUATTRO
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com