Electronic Components Datasheet Search
  English  ▼

X  

MAX9238 Datasheet (PDF) - Maxim Integrated Products

MAX9238 Datasheet PDF - Maxim Integrated Products
Part # MAX9238
Download  MAX9238 Download
File Size   187.44 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers

MAX9238 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9238 Datasheet PDF - Maxim Integrated Products

Part # MAX9238
Download  MAX9238 Click to download

File Size   187.44 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers

MAX9238 Datasheet (HTML) - Maxim Integrated Products


MAX9238 Product details

General Description
The MAX9234/MAX9236/MAX9238 deserialize three LVDS serial-data inputs into 21 single-ended LVCMOS/LVTTL outputs. A parallel-rate LVDS clock received with the LVDS data streams provides timing for deserialization. The outputs have a separate supply, allowing 1.8V to 5V output logic levels. All these devices are hot-swappable and allow “on-the-fly” frequency programming.
The MAX9234/MAX9236/MAX9238 feature DC balance, which allows isolation between a serializer and deserializer using AC-coupling. Each deserializer decodes data transmitted by one of the MAX9209/MAX9211/MAX9213/MAX9215 serializers. The MAX9234 has a rising-edge output strobe. The MAX9236/MAX9238 have a falling-edge output strobe. The MAX9234/MAX9236/MAX9238 operate in DC balanced mode only.
The MAX9234/MAX9236 operate with a parallel input clock of 8MHz to 34MHz, while the MAX9238 operates from 16MHz to 66MHz. The transition time of the single ended outputs is increased on the low-frequency version parts (MAX9234/MAX9236) for reduced EMI. The LVDS inputs meet ISO 10605 ESD specification, ±25kV for Air Gap Discharge and ±8kV Contact Discharge.
The MAX9234/MAX9236/MAX9238 are available in 48-pin TSSOP packages and operate over the -40°C to +85°C temperature range.

Features
♦ DC Balance Allows AC-Coupling for Wider Input
   Common-Mode Voltage Range
♦ On-the-Fly Frequency Programming
♦ Operating Frequency Range
   8MHz to 34MHz (MAX9234/MAX9236)
   16MHz to 66MHz (MAX9238)
♦ Falling-Edge Output Strobe (MAX9236/MAX9238)
♦ Slower Output Transitions for Reduced EMI
   (MAX9234/MAX9236)
♦ High-Impedance Outputs when PWRDWN Is Low
   Allow Output Busing
♦ 5V-Tolerant PWRDWN Input
♦ PLL Requires No External Components
♦ Up to 1.386Gbps Throughput
♦ Separate Output Supply Pins Allow Interface to
   1.8V, 2.5V, 3.3V, and 5V Logic
♦ LVDS Inputs Meet ISO 10605 ESD Requirements
♦ LVDS Inputs Conform to ANSI TIA/EIA-644 LVDS Standard
♦ Low-Profile, 48-Lead TSSOP Package
♦ +3.3V Main Power Supply
♦ -40°C to +85°C Operating Temperature Range

Applications
   Automotive Navigation Systems
   Automotive DVD Entertainment Systems
   Digital Copiers
   Laser Printers




Similar Part No. - MAX9238

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9238 MAXIM-MAX9238_12 Datasheet
207Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
More results


Similar Description - MAX9238

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
Programmable DC-Balance 21-Bit Deserializers
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com