Electronic Components Datasheet Search
  English  ▼

X  

1424040 Datasheet (PDF) - PHOENIX CONTACT

1424040 Datasheet PDF - PHOENIX CONTACT
Part # 1424040
Download  1424040 Download
File Size   402.02 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD CW3PE2,5 1X6-10 BK - Conductor connector

1424040 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424040 Datasheet PDF - PHOENIX CONTACT

Part # 1424040
Download  1424040 Click to download

File Size   402.02 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD CW3PE2,5 1X6-10 BK - Conductor connector

1424040 Datasheet (HTML) - PHOENIX CONTACT


1424040 Product details

Conductor connector, product family: QPD, connection method: IDC connection, number of
positions: 3+PE, 1 mm2 ... 2.5 mm2, 690 V, 20 A, PA, black, with one QUICKON nut, coding:
Coding profile, external cable diameter: 6 mm ... 10 mm




Similar Part No. - 1424040

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424041 PHOENIX-1424041 Datasheet
93Kb / 6P
Connector - QPD P3PE2,5 6-10 BK BK
09/11/2020
1424042 PHOENIX-1424042 Datasheet
384Kb / 7P
QPD P3PE2,5 9-14 BK BK - Connector
1424043 PHOENIX-1424043 Datasheet
384Kb / 7P
QPD P4X2,5 6-10 BK - Connector
1424046 PHOENIX-1424046 Datasheet
483Kb / 8P
QPD T3PE2,5 3X9-14 BK - T distributor
1424047 PHOENIX-1424047 Datasheet
476Kb / 8P
QPD T3PE2,5 2X6-10 BK - T distributor
More results


Similar Description - 1424040

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403834 PHOENIX-1403834 Datasheet
280Kb / 6P
Conductor connectors - QPD C 4PE2,5 1X6-11 BK
1582220 PHOENIX-1582220 Datasheet
89Kb / 6P
Conductor connectors - QPD C 3PE2,5 1X6-10 BK
1582223 PHOENIX-1582223 Datasheet
89Kb / 6P
Conductor connectors - QPD C 3PE2,5 1X9-14 BK
1414739 PHOENIX-1414739 Datasheet
275Kb / 6P
Conductor connectors - QPD C 4PE1,5 1X5-10 BK
01/21/2022
1423987 PHOENIX-1423987 Datasheet
111Kb / 6P
Connector - QPD P3PE2,5 6-10 BK
09/11/2020
1423989 PHOENIX-1423989 Datasheet
293Kb / 6P
Conductor connectors - QPD C3PE2,5 2X6-10 BK
02/04/2022
1423990 PHOENIX-1423990 Datasheet
110Kb / 6P
Conductor connectors - QPD C3PE2,5 2X9-14 BK
09/11/2020
1423992 PHOENIX-1423992 Datasheet
93Kb / 6P
Conductor connectors - QPD C3PE2,5 1X9-14 BK
09/11/2020
1424038 PHOENIX-1424038 Datasheet
95Kb / 6P
Conductor connectors - QPD CW3PE2,5 2X6-10 BK
09/11/2020
1424041 PHOENIX-1424041 Datasheet
93Kb / 6P
Connector - QPD P3PE2,5 6-10 BK BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com