Electronic Components Datasheet Search
  English  ▼

X  

970300324 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

970300324 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 970300324
Download  970300324 Download
File Size   215.7 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WA-SBRII Brass Spacer Stud

970300324 Datasheet (PDF)

Go To PDF Page Download Datasheet
970300324 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 970300324
Download  970300324 Click to download

File Size   215.7 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WA-SBRII Brass Spacer Stud

970300324 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


970300324 Product details

General Information:
Operating Temperature -55 up to +150 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 970300324

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
970300321 WURTH-970300321 Datasheet
68Kb / 2P
AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
More results


Similar Description - 970300324

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
9774015943 WURTH-9774015943 Datasheet
271Kb / 5P
WA-SMST SMD Steel Spacer with through hole
9774060943 WURTH-9774060943 Datasheet
271Kb / 5P
WA-SMST SMD Steel Spacer with through hole
9774070943 WURTH-9774070943 Datasheet
271Kb / 5P
WA-SMST SMD Steel Spacer with through hole
9774080943 WURTH-9774080943 Datasheet
271Kb / 5P
WA-SMST SMD Steel Spacer with through hole
9774010943 WURTH-9774010943 Datasheet
271Kb / 5P
WA-SMST SMD Steel Spacer with through hole
9774045943 WURTH-9774045943 Datasheet
271Kb / 5P
WA-SMST SMD Steel Spacer with through hole
9774050943 WURTH-9774050943 Datasheet
271Kb / 5P
WA-SMST SMD Steel Spacer with through hole
709620200 WURTH-709620200 Datasheet
153Kb / 3P
WA-SNSN Snap-In Spacer Snap Locking
001.001
973100385 WURTH-973100385 Datasheet
114Kb / 2P
WA-SNTI Plastic Spacer Stud
001.001
971190485 WURTH-971190485 Datasheet
107Kb / 2P
WA-SPAIE Plastic Spacer Stud
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com