Electronic Components Datasheet Search
  English  ▼

X  

3209539 Datasheet (PDF) - PHOENIX CONTACT

3209539 Datasheet PDF - PHOENIX CONTACT
Part # 3209539
Download  3209539 Download
File Size   239.01 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-MTD - Feed-through terminal block

3209539 Datasheet (PDF)

Go To PDF Page Download Datasheet
3209539 Datasheet PDF - PHOENIX CONTACT

Part # 3209539
Download  3209539 Click to download

File Size   239.01 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTU 4-MTD - Feed-through terminal block

3209539 Datasheet (HTML) - PHOENIX CONTACT


3209539 Product details

Feed-through terminal block, same shape as disconnect terminal block, nom. voltage: 400 V,
nominal current: 20 A, connection method: Push-in connection, Rated cross section: 4 mm2,
cross section: 0.2 mm2 - 6 mm2, connection method: Screw connection, Rated cross section: 2.5
mm2, cross section: 0.2 mm2 - 6 mm2, mounting: NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 3209539

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209530 PHOENIX-3209530 Datasheet
257Kb / 23P
Test disconnect terminal block - PTU 6-T-P
09/11/2020
3209531 PHOENIX-3209531 Datasheet
78Kb / 6P
Feed-through terminal block - PTUD 6
3209532 PHOENIX-3209532 Datasheet
241Kb / 8P
PTU 4-MT-P - Knife-disconnect terminal block
3209536 PHOENIX-3209536 Datasheet
120Kb / 6P
PIT 2,5-PE, Ground modular terminal block
3209537 PHOENIX-3209537 Datasheet
78Kb / 6P
Feed-through terminal block - PTUD 6-P
More results


Similar Description - 3209539

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3000562 PHOENIX-3000562 Datasheet
70Kb / 5P
Feed-through terminal block - UK 5-MTD N
3209519 PHOENIX-3209519 Datasheet
75Kb / 5P
Feed-through terminal block - PTU 2,5
3211855 PHOENIX-3211855 Datasheet
195Kb / 26P
Feed-through terminal block - PTU 4
3211856 PHOENIX-3211856 Datasheet
189Kb / 24P
Feed-through terminal block - PTU 4 BU
3211866 PHOENIX-3211866 Datasheet
73Kb / 5P
Feed-through terminal block - PTU 4 BK
3270106 PHOENIX-3270106 Datasheet
79Kb / 6P
Feed-through terminal block - PTC 2,5-MTD
3047688 PHOENIX-3047688 Datasheet
813Kb / 21P
Feed-through terminal block - UT 4-MTD RD
3209520 PHOENIX-3209520 Datasheet
559Kb / 29P
Feed-through terminal block - PTU 2,5 BU
3211865 PHOENIX-3211865 Datasheet
500Kb / 26P
Feed-through terminal block - PTU 4 WH
09/30/2021
3211864 PHOENIX-3211864 Datasheet
500Kb / 26P
Feed-through terminal block - PTU 4 RD
09/30/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com