| Manufacturer | Part # | Datasheet | Description |
 Pomona Electronics |
6249
|
28Kb / 1P |
Test Clip To Multi-Stacking Banana Plug Test Lead
|
 Molex Electronics Ltd. |
0442810005
|
131Kb / 3P |
4.20mm (.165") Pitch Mini-Fit Test Plug, Dual Row, 12 Circuits
|
 Weidmuller |
0293800000
|
50Kb / 1P |
Modular terminal, accessories, Test plug
|
 Molex Electronics Ltd. |
0442810005
|
30Kb / 2P |
Mini-Fit Jr. Test Plug, Dual Row, 12 Circuits
|
 Schneider Electric |
RPM12JD
|
193Kb / 6P |
Harmony, Power plug-in relay, 15 A, 1 CO, with LED, with lockable test button, 12 V DC
Aug 5, 2021 |
|
RXG12JD
|
281Kb / 7P |
Harmony, Interface plug-in relay, 10 A, 1 CO, with LED, with lockable test button, 12 V DC
Aug 9, 2021 |
|
RSB1A120JD
|
144Kb / 6P |
Harmony, Interface plug-in relay, 12 A, 1 CO, 12 V DC
Aug 11, 2021 |
|
RXM2AB1JD
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 12 V DC
Aug 31, 2021 |
 PHOENIX CONTACT |
3069950
|
170Kb / 14P |
Test plug - FTP-3/4S
09/12/2020 |
|
3069955
|
179Kb / 14P |
Test plug - FTPR-3/10S
09/12/2020 |