Electronic Components Datasheet Search
  English  ▼

X  

3057186 Datasheet (PDF) - PHOENIX CONTACT

3057186 Datasheet PDF - PHOENIX CONTACT
Part # 3057186
Download  3057186 Download
File Size   202.44 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UDK 4 GN - Feed-through terminal block

3057186 Datasheet (PDF)

Go To PDF Page Download Datasheet
3057186 Datasheet PDF - PHOENIX CONTACT

Part # 3057186
Download  3057186 Click to download

File Size   202.44 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UDK 4 GN - Feed-through terminal block

3057186 Datasheet (HTML) - PHOENIX CONTACT


3057186 Product details

Feed-through terminal block, nom. voltage: 630 V, nominal current: 32 A, number of
connections: 4, number of positions: 1, connection method: Screw connection, 1 level, Rated
cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, mounting type: NS 35/7,5, NS 35/15,
NS 32, color: green




Similar Part No. - 3057186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3057115 PHOENIX-3057115 Datasheet
230Kb / 7P
UK 5-MTK-P/P GN - Knife-disconnect terminal block
3057157 PHOENIX-3057157 Datasheet
209Kb / 6P
UDK 3 YE - Feed-through terminal block
3057160 PHOENIX-3057160 Datasheet
203Kb / 6P
UDK 3 GN - Feed-through terminal block
3057173 PHOENIX-3057173 Datasheet
207Kb / 6P
UDK 4 YE - Feed-through terminal block
More results


Similar Description - 3057186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2776044 PHOENIX-2776044 Datasheet
56Kb / 4P
Feed-through terminal block - UDK 4-MTK-P/P MIT SPERRE
2777014 PHOENIX-2777014 Datasheet
130Kb / 11P
Feed-through terminal block - UDK 4-TG
3007110 PHOENIX-3007110 Datasheet
54Kb / 4P
Feed-through terminal block - UDK 4-P/P
3048182 PHOENIX-3048182 Datasheet
66Kb / 5P
Feed-through terminal block - UDK 4 MTK-P/P AU
3074240 PHOENIX-3074240 Datasheet
80Kb / 6P
Feed-through terminal block - UKKB 3 GN
3232011 PHOENIX-3232011 Datasheet
143Kb / 14P
Feed-through terminal block - UDK 4-DUR 249 P/P
3037384 PHOENIX-3037384 Datasheet
633Kb / 28P
Feed-through terminal block - ST 4-TWIN GN
3044211 PHOENIX-3044211 Datasheet
408Kb / 15P
Feed-through terminal block - UT 16 GN
3044367 PHOENIX-3044367 Datasheet
499Kb / 22P
Feed-through terminal block - UT 4-TWIN GN
3209513 PHOENIX-3209513 Datasheet
468Kb / 22P
Feed-through terminal block - PT 2,5 GN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com