Electronic Components Datasheet Search
  English  ▼

X  

3001704 Datasheet (PDF) - PHOENIX CONTACT

3001704 Datasheet PDF - PHOENIX CONTACT
Part # 3001704
Download  3001704 Download
File Size   290.0 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTPR-2/25 - Test plug

3001704 Datasheet (PDF)

Go To PDF Page Download Datasheet
3001704 Datasheet PDF - PHOENIX CONTACT

Part # 3001704
Download  3001704 Click to download

File Size   290.0 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTPR-2/25 - Test plug

3001704 Datasheet (HTML) - PHOENIX CONTACT


3001704 Product details

Test plug, Freely configurable, with twist grip, nom. voltage: 400 V, nominal current: 24 A, Rated
cross section: 2.5 mm2, color: gray




Similar Part No. - 3001704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001700 PHOENIX-3001700 Datasheet
290Kb / 7P
FTPR-2/21 - Test plug
3001701 PHOENIX-3001701 Datasheet
289Kb / 7P
FTPR-2/22 - Test plug
3001702 PHOENIX-3001702 Datasheet
289Kb / 7P
FTPR-2/23 - Test plug
3001703 PHOENIX-3001703 Datasheet
289Kb / 7P
FTPR-2/24 - Test plug
3001705 PHOENIX-3001705 Datasheet
135Kb / 5P
MT 1,5-TWIN-PE
More results


Similar Description - 3001704

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6249 POMONA-6249 Datasheet
28Kb / 1P
Test Clip To Multi-Stacking Banana Plug Test Lead
6358 POMONA-6358 Datasheet
48Kb / 1P
Test Lead, Straight DMM Plug To Retractable Plug
logo
Weidmuller
0293800000 WEIDMULLER-0293800000 Datasheet
50Kb / 1P
Modular terminal, accessories, Test plug
logo
Pepperl+Fuchs Inc.
KC-STP-5GN PF-KC-STP-5GN Datasheet
324Kb / 1P
Terminal Block with Test Plug Socket
logo
PHOENIX CONTACT
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
3069957 PHOENIX-3069957 Datasheet
179Kb / 14P
Test plug - FTPR-3/14S
09/12/2020
logo
Pepperl+Fuchs Inc.
KF-STP-5GN PF-KF-STP-5GN Datasheet
551Kb / 2P
Terminal Block with Test Plug Socket
2021-08-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com