| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0442810005
|
30Kb / 2P |
Mini-Fit Jr. Test Plug, Dual Row, 12 Circuits
|
 Schneider Electric |
RXM2AB1P7
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button 230 V AC
Aug 4, 2021 |
|
RXM2AB1ED
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 48 V DC
Aug 4, 2021 |
|
RPM21JD
|
207Kb / 6P |
Harmony, Power plug-in relay, 15 A, 2 CO, with lockable test button, 12 V DC
Aug 5, 2021 |
|
RUMC21JD
|
187Kb / 7P |
Harmony, Universal plug-in relay, 10 A, 2 CO, with lockable test button, 12 V DC
Aug 12, 2021 |
|
RXM2AB1JD
|
210Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 12 V DC
Aug 31, 2021 |
|
RXM2AB2JD
|
211Kb / 6P |
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, with lockable test button, 12 V DC
Aug 31, 2021 |
 PHOENIX CONTACT |
3069468
|
108Kb / 8P |
Test plug - FTP-2/4 SERVICE
09/12/2020 |
|
3069955
|
179Kb / 14P |
Test plug - FTPR-3/10S
09/12/2020 |
|
3069957
|
179Kb / 14P |
Test plug - FTPR-3/14S
09/12/2020 |