Electronic Components Datasheet Search
  English  ▼

X  

1029726 Datasheet (PDF) - PHOENIX CONTACT

1029726 Datasheet PDF - PHOENIX CONTACT
Part # 1029726
Download  1029726 Download
File Size   646.71 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME-TP 111 - Test plug

1029726 Datasheet (PDF)

Go To PDF Page Download Datasheet
1029726 Datasheet PDF - PHOENIX CONTACT

Part # 1029726
Download  1029726 Click to download

File Size   646.71 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME-TP 111 - Test plug

1029726 Datasheet (HTML) - PHOENIX CONTACT


1029726 Product details

Test plug, nom. voltage: 400 V, nominal current: 24 A, Rated cross section: 2.5 mm2, color: gray




Similar Part No. - 1029726

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1029720 PHOENIX-1029720 Datasheet
254Kb / 5P
FBP 111 - Blind plug
1029723 PHOENIX-1029723 Datasheet
646Kb / 12P
FAME-TP 71 - Test plug
1029725 PHOENIX-1029725 Datasheet
646Kb / 12P
FAME-TP 101 - Test plug
1029727 PHOENIX-1029727 Datasheet
387Kb / 8P
FAME 6/71 - Test terminal strip
1029728 PHOENIX-1029728 Datasheet
385Kb / 8P
nullaFAME 6/101 - Test terminal strip
More results


Similar Description - 1029726

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TP-UART SIEMENS-TP-UART Datasheet
378Kb / 26P
TP-UART-IC
logo
PHOENIX CONTACT
2985204 PHOENIX-2985204 Datasheet
103Kb / 3P
TP 15T
3033820 PHOENIX-3033820 Datasheet
43Kb / 2P
Plug-in bridge - FBSR 1/6/11/16-8
3033822 PHOENIX-3033822 Datasheet
43Kb / 2P
Plug-in bridge - FBSR 1/6/11/14-8
1727829 PHOENIX-1727829 Datasheet
157Kb / 5P
MK3DS 1/11-3,81
1760129 PHOENIX-1760129 Datasheet
110Kb / 5P
MSTB 2,5/11-ST-5,08 BD:1-11
1833263 PHOENIX-1833263 Datasheet
96Kb / 3P
MSTB 2,5/11-ST BD:1-11
3042997 PHOENIX-3042997 Datasheet
166Kb / 9P
Plug - SP 4/11
3060212 PHOENIX-3060212 Datasheet
85Kb / 9P
Plug - UP 4/11
3049602 PHOENIX-3049602 Datasheet
57Kb / 3P
Separating plate - HV M12/1-TP
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com