Electronic Components Datasheet Search
  English  ▼

X  

GD30MLX65F1SF_B22 Datasheet (PDF) - StarPower Europe AG

GD30MLX65F1SF_B22 Datasheet PDF - StarPower Europe AG
Part # GD30MLX65F1SF_B22
Download  GD30MLX65F1SF_B22 Download
File Size   573.77 Kbytes
Page   11 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/30A in one-package

GD30MLX65F1SF_B22 Datasheet (PDF)

Go To PDF Page Download Datasheet
GD30MLX65F1SF_B22 Datasheet PDF - StarPower Europe AG

Part # GD30MLX65F1SF_B22
Download  GD30MLX65F1SF_B22 Click to download

File Size   573.77 Kbytes
Page   11 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/30A in one-package

GD30MLX65F1SF_B22 Datasheet (HTML) - StarPower Europe AG


GD30MLX65F1SF_B22 Product details

General Description
STARPOWER IGBT Power Module provides ultra low conduction loss as well as short circuit ruggedness. They are designed for the applications such as 3-level-application.

Features
 Low VCE(sat) Trench IGBT technology
 6μs short circuit capability
 VCE(sat) with positive temperature coefficient
 Maximum junction temperature 175oC
 Fast & soft reverse recovery anti-parallel FWD
 Isolated heatsink using DBC technology
 PressFIT contact technology

Typical Applications
 Solar power
 UPS
 3-level-application




Similar Part No. - GD30MLX65F1SF_B22

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD30MLX65F1S_B22 STARPOWER-GD30MLX65F1S_B22 Datasheet
548Kb / 11P
650V/30A in one-package
9/18/2022
More results


Similar Description - GD30MLX65F1SF_B22

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
3MBI150U-120 FUJI-3MBI150U-120 Datasheet
117Kb / 5P
1200V / 150A 3 in one-package
2MBI200NB-120-01 FUJI-2MBI200NB-120-01 Datasheet
199Kb / 4P
1200V / 200A 2 in one-package
2MBI300S-120 FUJI-2MBI300S-120 Datasheet
853Kb / 4P
1200V / 300A 2 in one-package
2MBI200S-120 FUJI-2MBI200S-120 Datasheet
499Kb / 4P
1200V / 200A 2 in one-package
logo
Renesas Technology Corp
RJP65T43DPQ-A0 RENESAS-RJP65T43DPQ-A0 Datasheet
527Kb / 8P
650V - 30A - IGBT
RJP65T54DPM-A0 RENESAS-RJP65T54DPM-A0 Datasheet
527Kb / 8P
650V - 30A - IGBT
RJH65T04BDPM-A0 RENESAS-RJH65T04BDPM-A0 Datasheet
736Kb / 11P
650V - 30A - IGBT
logo
Rohm
R6530KNX3 ROHM-R6530KNX3 Datasheet
2Mb / 14P
Nch 650V 30A Power MOSFET
R6530ENZ4 ROHM-R6530ENZ4 Datasheet
1Mb / 14P
Nch 650V 30A Power MOSFET
20200108 - Rev.002
logo
Silicon Supplies
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com