Electronic Components Datasheet Search
  English  ▼

X  

3069961 Datasheet (PDF) - PHOENIX CONTACT

3069961 Datasheet PDF - PHOENIX CONTACT
Part # 3069961
Download  3069961 Download
File Size   285.23 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-3/8S - Test plug

3069961 Datasheet (PDF)

Go To PDF Page Download Datasheet
3069961 Datasheet PDF - PHOENIX CONTACT

Part # 3069961
Download  3069961 Click to download

File Size   285.23 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-3/8S - Test plug

3069961 Datasheet (HTML) - PHOENIX CONTACT


3069961 Product details

Test plug, nom. voltage: 400 V, nominal current: 20 A, number of positions: 8, Rated cross
section: 2.5 mm2, color: gray




Similar Part No. - 3069961

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069960 PHOENIX-3069960 Datasheet
280Kb / 5P
FTP-3/7S - Test plug
3069962 PHOENIX-3069962 Datasheet
293Kb / 7P
FTP-3/9S - Test plug
3069963 PHOENIX-3069963 Datasheet
285Kb / 6P
FTP-3/11S - Test plug
3069964 PHOENIX-3069964 Datasheet
293Kb / 7P
FTP-3/13S - Test plug
3069965 PHOENIX-3069965 Datasheet
71Kb / 4P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
More results


Similar Description - 3069961

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6249 POMONA-6249 Datasheet
28Kb / 1P
Test Clip To Multi-Stacking Banana Plug Test Lead
logo
Weidmuller
0293800000 WEIDMULLER-0293800000 Datasheet
50Kb / 1P
Modular terminal, accessories, Test plug
logo
Assmann Electronics Inc...
A-MCSP-80030-Y ASSMANN-A-MCSP-80030-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
logo
Rosenberger Hochfrequen...
98W003-000 ROSENBERGER-98W003-000 Datasheet
96Kb / 1P
TEST LASER EV-3
logo
Hubbell Incorporated.
PREMISE_C6AFTPSPY HUBBELL-PREMISE_C6AFTPSPY Datasheet
231Kb / 1P
NEXTSPEED짰Ascent Category 6A FTP
logo
PHOENIX CONTACT
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
3069957 PHOENIX-3069957 Datasheet
179Kb / 14P
Test plug - FTPR-3/14S
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com