Electronic Components Datasheet Search
  English  ▼

X  

2909752 Datasheet (PDF) - PHOENIX CONTACT

2909752 Datasheet PDF - PHOENIX CONTACT
Part # 2909752
Download  2909752 Download
File Size   201.65 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CAB-DSUB25M/OE/22/S/ 1M - Cable

2909752 Datasheet (PDF)

Go To PDF Page Download Datasheet
2909752 Datasheet PDF - PHOENIX CONTACT

Part # 2909752
Download  2909752 Click to download

File Size   201.65 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CAB-DSUB25M/OE/22/S/ 1M - Cable

2909752 Datasheet (HTML) - PHOENIX CONTACT


2909752 Product details

Assembled shielded round cable; connection 1: Single wires (25-position) (The wires are marked
and fitted with ferrules); connection 2: D-SUB pin strip (1x 25-position); cable length: 1 m




Similar Part No. - 2909752

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2909753 PHOENIX-2909753 Datasheet
201Kb / 6P
CAB-DSUB25M/OE/22/S/ 3M - Cable
2909754 PHOENIX-2909754 Datasheet
194Kb / 5P
CAB-DSUB25M/OE/22/S/ 5M - Cable
2909755 PHOENIX-2909755 Datasheet
201Kb / 6P
CAB-DSUB25M/OE/22/S/10M - Cable
2909757 PHOENIX-2909757 Datasheet
201Kb / 6P
CAB-DSUB25M/OE/22/S/15M - Cable
More results


Similar Description - 2909752

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63910415521CAB WURTH-63910415521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63910615521CAB WURTH-63910615521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63910815521CAB WURTH-63910815521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63911015521CAB WURTH-63911015521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63911415521CAB WURTH-63911415521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63911615521CAB WURTH-63911615521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
logo
PHOENIX CONTACT
2900123 PHOENIX-2900123 Datasheet
65Kb / 4P
Round cable - VIP-CAB-FLK14/FR/OE/0,14/1,0M
logo
ATGBICS by Approved Tec...
CAB-S-S-25G-1M-C ATGBICS-CAB-S-S-25G-1M-C Datasheet
231Kb / 5P
CAB-S-S-25G-1M Arista Compatible Direct Attach Copper Twinax Cable 25G SFP28 (1m, Passive)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com