Electronic Components Datasheet Search
  English  ▼

X  

TVME211-DOC Datasheet (PDF) - TEWS Technologies GmbH

TVME211-DOC Datasheet PDF - TEWS Technologies GmbH
Part # TVME211-DOC
Download  TVME211-DOC Download
File Size   508.16 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description VMEbus Carrier for 2 IndustryPacks

TVME211-DOC Datasheet (PDF)

Go To PDF Page Download Datasheet
TVME211-DOC Datasheet PDF - TEWS Technologies GmbH

Part # TVME211-DOC
Download  TVME211-DOC Click to download

File Size   508.16 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description VMEbus Carrier for 2 IndustryPacks

TVME211-DOC Datasheet (HTML) - TEWS Technologies GmbH


TVME211-DOC Product details

Application Information
The TVME211 is a 3U VMEbus Carrier for up to two
single- size or one double-size IndustryPack (IP) modules
allowing to build up modular, flexible and cost effective I/O
solutions for all kinds of applications like process control,
medical systems, telecommunication and traffic control.
Two 50 pin 0.1 inch flat ribbon cable connectors mounted
in the front panel of the TVME211 provide access to all IP
I/O lines.
A set of 16-position rotary switches allows easy
configuration of VME Short I/O and Memory addresses.
Interrupt routing from the IP slots to the VME IRQ’s can be
done in two ways: programmable by software or selection
of predefined sets by a rotary switch.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature range is -40°C
and +85°C




Similar Part No. - TVME211-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TVME210 TEWS-TVME210 Datasheet
240Kb / 2P
VMEbus Carrier for 2 IndustryPacks
2019-09-25
TVME210-10R TEWS-TVME210-10R Datasheet
240Kb / 2P
VMEbus Carrier for 2 IndustryPacks
2019-09-25
TVME210-11R TEWS-TVME210-11R Datasheet
240Kb / 2P
VMEbus Carrier for 2 IndustryPacks
2019-09-25
TVME210-DOC TEWS-TVME210-DOC Datasheet
240Kb / 2P
VMEbus Carrier for 2 IndustryPacks
2019-09-25
More results


Similar Description - TVME211-DOC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C960 CYPRESS-CY7C960 Datasheet
250Kb / 10P
Low Cost VMEbus Interface Controller Family
VAC068A CYPRESS-VAC068A Datasheet
190Kb / 6P
VMEbus Address Controller
VIC068A CYPRESS-VIC068A Datasheet
280Kb / 15P
VMEbus Interface Controller
logo
List of Unclassifed Man...
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
STMicroelectronics
AN968 STMICROELECTRONICS-AN968 Datasheet
100Kb / 4P
VMEbus TIMEKEEPER
17-Jul-2012
logo
PHOENIX CONTACT
0823753 PHOENIX-0823753 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 2/18
09/11/2020
1013889 PHOENIX-1013889 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 2/10
09/11/2020
logo
WAGO Kontakttechnik Gmb...
2020-1407 WAGO-2020-1407 Datasheet
1Mb / 14P
2-conductor/2-pin ground carrier terminal block;
25.11.2021
logo
AAEON Technology
TF-ECB-916M-B11-01 AAEON-TF-ECB-916M-B11-01 Datasheet
563Kb / 2P
COM Express Carrier Board for PICMG COM.0 R2.0 Type 2
UP-APL03CB-A10-0001 AAEON-UP-APL03CB-A10-0001 Datasheet
469Kb / 1P
UP 4000 Carrier Board for M.2 2230/3042/3052/2280
2022/12/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com