Electronic Components Datasheet Search
  English  ▼

X  

TVME200 Datasheet (PDF) - TEWS Technologies GmbH

TVME200 Datasheet PDF - TEWS Technologies GmbH
Part # TVME200
Download  TVME200 Download
File Size   312.15 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description VMEbus Carrier for 4 IndustryPacks

TVME200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TVME200 Datasheet PDF - TEWS Technologies GmbH

Part # TVME200
Download  TVME200 Click to download

File Size   312.15 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description VMEbus Carrier for 4 IndustryPacks

TVME200 Datasheet (HTML) - TEWS Technologies GmbH


TVME200 Product details

Application Information
The TVME200 is 6U VMEbus Carrier for up to 4 singlesize
or 2 double-size IndustryPack (IP) modules used to
build modular, flexible and cost effective I/O solutions for
applications in process control, medical systems,
telecommunication and traffic control.
A set of 16-position rotary switches allows easy
configuration of VME Short I/O and Memory addresses.
Interrupt routing from the IP slots to the VME IRQ’s can be
done in two ways: programmable by software or selection
of predefined sets by a rotary switch.
Four 50 pin 0.1 inch flat ribbon cable connectors mounted
in the front panel of the TVME200 provide access to all IP
I/O lines. Additional, on the TVME200-20R all I/O lines of
‘IP D’ are routed to VME P2 and 14 user selectable I/O
lines of ‘IP C’ can be routed to VME P2 via a jumper field.
Status indicators for IP access, +5V and +/-12V are
provided.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature ranges
between -40°C and +85°C.




Similar Part No. - TVME200

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TVME201 TEWS-TVME201 Datasheet
310Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
TVME201-10R TEWS-TVME201-10R Datasheet
310Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
TVME201-DOC TEWS-TVME201-DOC Datasheet
310Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
TVME202 TEWS-TVME202 Datasheet
317Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
TVME202-10R TEWS-TVME202-10R Datasheet
317Kb / 2P
VMEbus Carrier for 4 IndustryPacks
2019-09-25
More results


Similar Description - TVME200

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C960 CYPRESS-CY7C960 Datasheet
250Kb / 10P
Low Cost VMEbus Interface Controller Family
VAC068A CYPRESS-VAC068A Datasheet
190Kb / 6P
VMEbus Address Controller
VIC068A CYPRESS-VIC068A Datasheet
280Kb / 15P
VMEbus Interface Controller
logo
List of Unclassifed Man...
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
STMicroelectronics
AN968 STMICROELECTRONICS-AN968 Datasheet
100Kb / 4P
VMEbus TIMEKEEPER
17-Jul-2012
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
Band 25/4 Carrier Aggregation Quadplexer
logo
PHOENIX CONTACT
0811970 PHOENIX-0811970 Datasheet
44Kb / 2P
Terminal strip marker carrier - KLM 4
logo
Renesas Technology Corp
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
IDTF1751NBGI8 RENESAS-IDTF1751NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
Rev1 December 2013
IDTF1763NBGI8 RENESAS-IDTF1763NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
RevO December 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com