Electronic Components Datasheet Search
  English  ▼

X  

2909608 Datasheet (PDF) - PHOENIX CONTACT

2909608 Datasheet PDF - PHOENIX CONTACT
Part # 2909608
Download  2909608 Download
File Size   195.03 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CAB-DSUB25M/OE/22/TP/S/ 5M - Cable

2909608 Datasheet (PDF)

Go To PDF Page Download Datasheet
2909608 Datasheet PDF - PHOENIX CONTACT

Part # 2909608
Download  2909608 Click to download

File Size   195.03 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CAB-DSUB25M/OE/22/TP/S/ 5M - Cable

2909608 Datasheet (HTML) - PHOENIX CONTACT


2909608 Product details

Assembled shielded round cable; connection 1: Twisted pair (25-position) (The wires are marked
and fitted with ferrules); connection 2: D-SUB pin strip (1x 25-position); cable length: 5 m




Similar Part No. - 2909608

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2909604 PHOENIX-2909604 Datasheet
310Kb / 8P
ME 35 UT BK - Mounting base housing
2909606 PHOENIX-2909606 Datasheet
194Kb / 5P
CAB-DSUB25M/OE/22/TP/S/ 1M - Cable
2909607 PHOENIX-2909607 Datasheet
195Kb / 5P
CAB-DSUB25M/OE/22/TP/S/ 3M - Cable
2909609 PHOENIX-2909609 Datasheet
195Kb / 5P
CAB-DSUB25M/OE/22/TP/S/10M - Cable
More results


Similar Description - 2909608

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900123 PHOENIX-2900123 Datasheet
65Kb / 4P
Round cable - VIP-CAB-FLK14/FR/OE/0,14/1,0M
2900125 PHOENIX-2900125 Datasheet
65Kb / 4P
Round cable - VIP-CAB-FLK14/FR/OE/0,14/1,5M
2884525 PHOENIX-2884525 Datasheet
47Kb / 3P
Antenna cable - RAD-CAB-EF142-5M
logo
ATGBICS by Approved Tec...
TL-SM5220-5M-C ATGBICS-TL-SM5220-5M-C Datasheet
170Kb / 3P
TL-SM5220-5M TP-Link Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
CAB-Q-Q-100G-5M-C ATGBICS-CAB-Q-Q-100G-5M-C Datasheet
245Kb / 6P
CAB-Q-Q-100G-5M Arista Compatible Direct Attach Copper Twinax Cable QSFP28 100G (5m, Passive)
CAB-Q-Q-5M-C ATGBICS-CAB-Q-Q-5M-C Datasheet
331Kb / 8P
CAB-Q-Q-5M Arista Compatible Direct Attach Copper Twinax Cable 40G QSFP (5m, Passive)
CAB-Q-S-5M-C ATGBICS-CAB-Q-S-5M-C Datasheet
341Kb / 8P
CAB-Q-S-5M Arista Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (5m, Passive)
CAB-S-S-25G-5M-C ATGBICS-CAB-S-S-25G-5M-C Datasheet
231Kb / 5P
CAB-S-S-25G-5M Arista Compatible Direct Attach Copper Twinax Cable 25G SFP28 (5m, Passive)
CAB-SFP-5M-C ATGBICS-CAB-SFP-5M-C Datasheet
151Kb / 3P
CAB-SFP-5M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
logo
PHOENIX CONTACT
2867652 PHOENIX-2867652 Datasheet
186Kb / 6P
Antenna cable - RAD-CAB-EF393- 5M
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com