Electronic Components Datasheet Search
  English  ▼

X  

1809856 Datasheet (PDF) - PHOENIX CONTACT

1809856 Datasheet PDF - PHOENIX CONTACT
Part # 1809856
Download  1809856 Download
File Size   221.78 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5/ 9-STF-5,08 EX - PCB connector

1809856 Datasheet (PDF)

Go To PDF Page Download Datasheet
1809856 Datasheet PDF - PHOENIX CONTACT

Part # 1809856
Download  1809856 Click to download

File Size   221.78 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5/ 9-STF-5,08 EX - PCB connector

1809856 Datasheet (HTML) - PHOENIX CONTACT


1809856 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Sn, contact connection type: Socket, number of potentials: 9, number of rows: 1,
number of positions: 9, number of connections: 9, product range: MVSTBW 2,5/..-STF-EX, pitch:
5.08 mm, connection method: Screw connection with tension sleeve, screw head form: L Slotted,
conductor/PCB connection direction: -90 °, locking clip: - Locking clip, plug-in system:
COMBICON MSTB 2,5 EX, locking: Screw locking mechanism, mounting method: Screw flange,
type of packaging: packed in cardboard




Similar Part No. - 1809856

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809857 PHOENIX-1809857 Datasheet
66Kb / 3P
Printed-circuit board connector - MSTBC 2,5/14-STZF-5,08
More results


Similar Description - 1809856

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1913138 PHOENIX-1913138 Datasheet
121Kb / 8P
Printed-circuit board connector - MVSTBW 2,5 HC/ 9-STF-5,08
09/12/2020
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1795556 PHOENIX-1795556 Datasheet
400Kb / 13P
PCB connector - MSTB 2,5/ 2-STF-5,08 EX
Jan 4, 2023
1913073 PHOENIX-1913073 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 3-STF-5,08
1913099 PHOENIX-1913099 Datasheet
321Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 5-STF-5,08
1962765 PHOENIX-1962765 Datasheet
1Mb / 21P
TFKC 2,5/ 9-STF-5,08 - PCB connector
1795637 PHOENIX-1795637 Datasheet
406Kb / 13P
MSTB 2,5/10-STF-5,08 EX - PCB connector
1913125 PHOENIX-1913125 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/ 8-STF-5,08 - PCB connector
1913154 PHOENIX-1913154 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/11-STF-5,08 - PCB connector
1913060 PHOENIX-1913060 Datasheet
323Kb / 11P
MVSTBW 2,5 HC/ 2-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com