Electronic Components Datasheet Search
  English  ▼

X  

IPP030N10NF2S Datasheet (PDF) - Infineon Technologies AG

IPP030N10NF2S Datasheet PDF - Infineon Technologies AG
Part # IPP030N10NF2S
Download  IPP030N10NF2S Download
File Size   825.14 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFET™ 2 Power‑Transistor, 100 V

IPP030N10NF2S Datasheet (PDF)

Go To PDF Page Download Datasheet
IPP030N10NF2S Datasheet PDF - Infineon Technologies AG

Part # IPP030N10NF2S
Download  IPP030N10NF2S Click to download

File Size   825.14 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFET™ 2 Power‑Transistor, 100 V

IPP030N10NF2S Datasheet (HTML) - Infineon Technologies AG


IPP030N10NF2S Product details

Features
• Optimized for a wide range of applications
• N‑channel, normal level
• 100% avalanche tested
• Pb‑free lead plating; RoHS compliant
• Halogen‑free according to IEC61249‑2‑21




Similar Part No. - IPP030N10NF2S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPP030N10N3 ISC-IPP030N10N3 Datasheet
337Kb / 2P
isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPP030N10N3G INFINEON-IPP030N10N3G Datasheet
316Kb / 10P
OptiMOS3 Power-Transistor
Rev. 2.1 2008-10-02
IPP030N10N3GXKSA1 INFINEON-IPP030N10N3GXKSA1 Datasheet
316Kb / 10P
OptiMOS3 Power-Transistor
Rev. 2.1 2008-10-02
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 11P
OptiMOS짧5 Power-Transistor, 100 V
Rev.2.2,2016-07-22
More results


Similar Description - IPP030N10NF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF250P224 INFINEON-IRF250P224 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF250P225 INFINEON-IRF250P225 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200P223 INFINEON-IRF200P223 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200S234 INFINEON-IRF200S234 Datasheet
1Mb / 18P
IR MOSFET - StrongIRFET?
V2.0 2017-6-30
IRF300P227 INFINEON-IRF300P227 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V2.0 2017-11-14
IRL60SC216 INFINEON-IRL60SC216 Datasheet
1Mb / 11P
StrongIRFET
Rev.2.2,2020-07-02
IPTC014N10NM5 INFINEON-IPTC014N10NM5 Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.0, 2022-05-24
IQE065N10NM5CGSC INFINEON-IQE065N10NM5CGSC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.0, 2022-05-02
BSC050N10NS5 INFINEON-BSC050N10NS5 Datasheet
1Mb / 13P
OptiMOS™ 5 Power-Transistor, 100 V
Rev. 2.3, 2021-06-07
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com