Electronic Components Datasheet Search
  English  ▼

X  

MFR-2222 Datasheet (PDF) - Metcal

MFR-2222 Datasheet PDF - Metcal
Part # MFR-2222
Download  MFR-2222 Download
File Size   1549.41 Kbytes
Page   8 Pages
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal
Description Dual Output 60W Solder / Rework Station Series

MFR-2222 Datasheet (PDF)

Go To PDF Page Download Datasheet
MFR-2222 Datasheet PDF - Metcal

Part # MFR-2222
Download  MFR-2222 Click to download

File Size   1549.41 Kbytes
Page   8 Pages
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal
Description Dual Output 60W Solder / Rework Station Series

MFR-2222 Datasheet (HTML) - Metcal


MFR-2222 Product details

MFR-2200 Series Features and Benefits
• Many options so you can create the system you need
• Dual 60W output enables you to use two hand-pieces simultaneously.
• SmartHeat® tips and cartridges sense the load and instantly delivers the right amount of heat to the joint.
• No calibration required which saves money and down-time.




Similar Part No. - MFR-2222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR-25 ETC1-MFR-25 Datasheet
36Kb / 2P
Metal Film Resistors Normal & Miniature Style
logo
YAGEO Corporation
MFR-25 YAGEO-MFR-25 Datasheet
126Kb / 2P
General Type Normal Miniatyre Style MFR Series
MFR-25 YAGEO-MFR-25 Datasheet
1Mb / 17P
METAL FILM RESISTORS
April 3, 2024 V.4
MFR-25FTF52-1K YAGEO-MFR-25FTF52-1K Datasheet
1Mb / 17P
METAL FILM RESISTORS
April 3, 2024 V.4
More results


Similar Description - MFR-2222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-601X ETC-NAD-601X Datasheet
42Kb / 2P
60W Open Frame Dual Output
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60 Datasheet
385Kb / 2P
60W Dual Output Switching Power Supply
RPD-60 MEANWELL-RPD-60 Datasheet
411Kb / 2P
60W Dual Output Medical Type
logo
XP Power Limited
D-60A XPPOWER-D-60A Datasheet
258Kb / 4P
60W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
D-60A RSG-D-60A Datasheet
159Kb / 2P
60W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60_10 Datasheet
392Kb / 2P
60W Dual Output Switching Power Supply
RPD-60 MEANWELL-RPD-60_11 Datasheet
422Kb / 2P
60W Dual Output Medical Type
RPD-60 MEANWELL-RPD-60_12 Datasheet
437Kb / 2P
60W Dual Output Medical Type
logo
List of Unclassifed Man...
WHA900 ETC2-WHA900 Datasheet
108Kb / 1P
Hot Air Rework Station With Internal Pump, 120V
logo
SparkFun Electronics
TOL-14557 SPARKFUN-TOL-14557 Datasheet
148Kb / 2P
Hot?륚ir Rework Station ??303D
1??1??8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com