Electronic Components Datasheet Search
  English  ▼

X  

2202345 Datasheet (PDF) - PHOENIX CONTACT

2202345 Datasheet PDF - PHOENIX CONTACT
Part # 2202345
Download  2202345 Download
File Size   297.03 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSPT 2,5/ 3-ST KMGY - PCB connector

2202345 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202345 Datasheet PDF - PHOENIX CONTACT

Part # 2202345
Download  2202345 Click to download

File Size   297.03 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSPT 2,5/ 3-ST KMGY - PCB connector

2202345 Datasheet (HTML) - PHOENIX CONTACT


2202345 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 16 A, rated
voltage (III/2): 300 V, contact surface: Sn, contact connection type: Socket, number of potentials:
3, number of rows: 1, number of positions: 3, number of connections: 3, product range: PSPT
2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, locking: without, mounting method: without,
type of packaging: packed in cardboard, Color of the spring lever: orange




Similar Part No. - 2202345

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202344 PHOENIX-2202344 Datasheet
103Kb / 7P
Printed-circuit board connector - PSPT 2,5/ 4-ST KMGY
2202344 PHOENIX-2202344 Datasheet
277Kb / 8P
Upper part of housing - ICS50-C100X12-5015
2202344 PHOENIX-2202344 Datasheet
354Kb / 8P
Mounting base housing - ICS50-B122X98-O-O-5015
2202346 PHOENIX-2202346 Datasheet
294Kb / 10P
PSPT 2,5/ 2-ST KMGY - PCB con
More results


Similar Description - 2202345

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2854102 PHOENIX-2854102 Datasheet
80Kb / 6P
PCB terminal block - MKDSO 2,5/ 3-L KMGY
1921900 PHOENIX-1921900 Datasheet
158Kb / 5P
FKCT 2,5/ 4-ST KMGY
1700091 PHOENIX-1700091 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST KMGY LUB
1700127 PHOENIX-1700127 Datasheet
48Kb / 3P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST KMGY LUB
2713748 PHOENIX-2713748 Datasheet
126Kb / 3P
MSTBO 2,5/ 3-6 ST SET KMGY
1937745 PHOENIX-1937745 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST KMGY
1946309 PHOENIX-1946309 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 3-ST KMGY
1971947 PHOENIX-1971947 Datasheet
114Kb / 3P
MSTBT 2,5/ 3-ST KMGY
2202344 PHOENIX-2202344 Datasheet
103Kb / 7P
Printed-circuit board connector - PSPT 2,5/ 4-ST KMGY
1939646 PHOENIX-1939646 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 3-ST-7,62
Jan 5, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com