Electronic Components Datasheet Search
  English  ▼

X  

1476924 Datasheet (PDF) - PHOENIX CONTACT

1476924 Datasheet PDF - PHOENIX CONTACT
Part # 1476924
Download  1476924 Download
File Size   179.78 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description OCS POLEFIX 1008 - Mounting material

1476924 Datasheet (PDF)

Go To PDF Page Download Datasheet
1476924 Datasheet PDF - PHOENIX CONTACT

Part # 1476924
Download  1476924 Click to download

File Size   179.78 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description OCS POLEFIX 1008 - Mounting material

1476924 Datasheet (HTML) - PHOENIX CONTACT


1476924 Product details

Mount for mast Ø of 60 mm ... 140 mm, complete set for a housing of 10" x 8", material: steel




Similar Part No. - 1476924

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476923 PHOENIX-1476923 Datasheet
178Kb / 4P
OCS POLEFIX 0806 - Mounting material
1476926 PHOENIX-1476926 Datasheet
178Kb / 4P
OCS POLEFIX 1210 - Mounting material
More results


Similar Description - 1476924

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D411 ETC2-D411 Datasheet
91Kb / 2P
Accessories Mounting Material
logo
TAI-SAW TECHNOLOGY CO.,...
TC0539A TAI-SAW-TC0539A Datasheet
414Kb / 6P
SAW Resonator 1008 MHz
logo
PHOENIX CONTACT
1586219 PHOENIX-1586219 Datasheet
50Kb / 2P
Mounting material - HC-HS-PES
1674545 PHOENIX-1674545 Datasheet
52Kb / 3P
Mounting material - HC-BS-PG36
2701380 PHOENIX-2701380 Datasheet
42Kb / 2P
Mounting material - HMI WALL MOUNTING KIT
2701384 PHOENIX-2701384 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 4
2701385 PHOENIX-2701385 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 6
2701387 PHOENIX-2701387 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 8
logo
Carlo Gavazzi Holding A...
MB02 CARLOGAVAZZI-MB02 Datasheet
661Kb / 3P
Photoelectrics Accessories Mounting Material
logo
PHOENIX CONTACT
1280672 PHOENIX-1280672 Datasheet
44Kb / 1P
Mounting material - VESA ADAPTER
09/22/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com