Electronic Components Datasheet Search
  English  ▼

X  

TPMC363 Datasheet (PDF) - TEWS Technologies GmbH

TPMC363 Datasheet PDF - TEWS Technologies GmbH
Part # TPMC363
Download  TPMC363 Download
File Size   246.24 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled PMC 4 Channel High Speed Synch/Asynch Serial Interface

TPMC363 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC363 Datasheet PDF - TEWS Technologies GmbH

Part # TPMC363
Download  TPMC363 Click to download

File Size   246.24 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled PMC 4 Channel High Speed Synch/Asynch Serial Interface

TPMC363 Datasheet (HTML) - TEWS Technologies GmbH


TPMC363 Product details

Application Information
The TPMC363 is a conduction cooled single-width 32 bit
PMC with four high speed serial data communication
channels.
The TPMC363 is the successor of the discontinued
TPMC362, providing similar functionality and full connector
and pin-out compatibility.
The serial communication controller is implemented in
FPGA logic, along with the bus master capable PCI
interface, guaranteeing long term availability and having the
option to implement additional functions in the future.
Each channel provides dedicated receive and transmit
FIFOs for high data throughput.
Data transfer on the PCI bus is handled via TPMC363
initiated DMA cycles with minimum host/CPU intervention.
Several serial communication protocols are supported by
each channel, such as asynchronous, isochronous,
synchronous and HDLC mode.
A 14.7456 MHz oscillator provides standard asynchronous
baud rates. An additional 24 MHz oscillator is provided for
other baud rates. A 10 MHz oscillator is used for the
synchronous baud rate of 10 Mbit/s.
Each channel also provides various interrupt sources,
generated on INTA. The interrupt sources can be enabled
or disabled individually.
Multiprotocol transceivers are used for the line interface.
The physical interface is selectable by software, individually
for each channel as EIA-232, EIA-422, EIA-449, EIA-530,
EIA-530A, V.35, V.36 or X.21.
The following signals are provided by the TPMC363 for
each channel at the front and rear-I/O connectors:
Receive Data (RxD +/-), Transmit Data (TxD +/-), Receive
Clock (RxC +/-), Transmit Clock (TxC +/-), Ready-To-Send
(RTS +/-), Clear-To-Send (CTS +/-), Carrier-Detect (CD +/-
) and GND.
The TPMC363 provides rear panel I/O via P14.
Software Support (TDRV009-SW-xx) for different operating
systems is available.




Similar Part No. - TPMC363

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC362 TEWS-TPMC362 Datasheet
241Kb / 2P
Conduction Cooled PMC 4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TPMC362-20 TEWS-TPMC362-20 Datasheet
241Kb / 2P
Conduction Cooled PMC 4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TPMC362-DOC TEWS-TPMC362-DOC Datasheet
241Kb / 2P
Conduction Cooled PMC 4 Channel High Speed Synch/Asynch Serial Interface
10/2009
TPMC362-ED TEWS-TPMC362-ED Datasheet
241Kb / 2P
Conduction Cooled PMC 4 Channel High Speed Synch/Asynch Serial Interface
10/2009
More results


Similar Description - TPMC363

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
505HC6500K4TM6 ILLINOISCAPACITOR-505HC6500K4TM6 Datasheet
91Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K2EM8 ILLINOISCAPACITOR-135HC6700K2EM8 Datasheet
84Kb / 1P
Conduction Cooled (High Density Resonant)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K2EM8 ILLINOISCAPACITOR-334HC6102K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com