Electronic Components Datasheet Search
  English  ▼

X  

960200042 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

960200042 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 960200042
Download  960200042 Download
File Size   342.42 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WA-SPARO Round Plastic Spacers

960200042 Datasheet (PDF)

Go To PDF Page Download Datasheet
960200042 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 960200042
Download  960200042 Click to download

File Size   342.42 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WA-SPARO Round Plastic Spacers

960200042 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


960200042 Product details

General Information:
Operating Temperature -30 °C up to +110 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % rH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 960200042

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
960200042 WURTH-960200042 Datasheet
75Kb / 2P
AsSPaRO Round Plastic Spacer
2015-06-09
More results


Similar Description - 960200042

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M0503-3-AL RAF-M0503-3-AL Datasheet
48Kb / 1P
4.5MM ROUND SPACERS
M0504-3-N RAF-M0504-3-N Datasheet
48Kb / 1P
4.5MM ROUND SPACERS
M0505-3-N RAF-M0505-3-N Datasheet
48Kb / 1P
4.5MM ROUND SPACERS
M0506-25-AL RAF-M0506-25-AL Datasheet
46Kb / 1P
4.5MM ROUND SPACERS
M0533-3-N RAF-M0533-3-N Datasheet
47Kb / 1P
6MM ROUND SPACERS
M0534-4-SS RAF-M0534-4-SS Datasheet
48Kb / 1P
6MM ROUND SPACERS
M0535-3-SS RAF-M0535-3-SS Datasheet
47Kb / 1P
6MM ROUND SPACERS
M0537-3-AL RAF-M0537-3-AL Datasheet
48Kb / 1P
6MM ROUND SPACERS
M0591-3-N RAF-M0591-3-N Datasheet
47Kb / 1P
8MM ROUND SPACERS
M0596-4-N RAF-M0596-4-N Datasheet
47Kb / 1P
8MM ROUND SPACERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com