Electronic Components Datasheet Search
  English  ▼

X  

2908359 Datasheet (PDF) - PHOENIX CONTACT

2908359 Datasheet PDF - PHOENIX CONTACT
Part # 2908359
Download  2908359 Download
File Size   189.51 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-22,5 MKDSO BU - Filler plug

2908359 Datasheet (PDF)

Go To PDF Page Download Datasheet
2908359 Datasheet PDF - PHOENIX CONTACT

Part # 2908359
Download  2908359 Click to download

File Size   189.51 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-22,5 MKDSO BU - Filler plug

2908359 Datasheet (HTML) - PHOENIX CONTACT


2908359 Product details

DIN rail housing, Filler plug for unoccupied terminal points (MKDSO), width: 21 mm, height: 17.
05 mm, depth: 8.55 mm, color: blue (similar RAL 5015)




Similar Part No. - 2908359

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908357 PHOENIX-2908357 Datasheet
181Kb / 5P
FUSE 40A/32V ATOF - Fuse
2908358 PHOENIX-2908358 Datasheet
182Kb / 5P
FUSE 10A/400V GRL - Fuse
More results


Similar Description - 2908359

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907473 PHOENIX-2907473 Datasheet
69Kb / 4P
Electronic housing - ME 22,5 OT-MKDSO SET
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2908045 PHOENIX-2908045 Datasheet
96Kb / 2P
MKDSO 2,5/ 4-R BU
2199236 PHOENIX-2199236 Datasheet
51Kb / 2P
Housing - ME MAX 22,5 F/SF-DKL TRANS
11/05/2018
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2202718 PHOENIX-2202718 Datasheet
301Kb / 5P
Upper part of housing - ME 12,5 OT-MKDSO BU
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com